Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM9060 Datasheet (PDF) - Renesas Technology Corp

ZSPM9060 Datasheet PDF - Renesas Technology Corp
Part # ZSPM9060
Download  ZSPM9060 Download
File Size   888.87 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Compact, High-Performance, High-Frequency DrMOS Device

ZSPM9060 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM9060 Datasheet PDF - Renesas Technology Corp

Part # ZSPM9060
Download  ZSPM9060 Click to download

File Size   888.87 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Compact, High-Performance, High-Frequency DrMOS Device

ZSPM9060 Datasheet (HTML) - Renesas Technology Corp


ZSPM9060 Product details

Features
•Based on the Intel® 4.0 DrMOS standard
•High-current handling: up to 60A
•High-performance PQFN copper-clip package
•Tri-state 3.3V PWM input driver
•Skip Mode (low-side gate turn-off) input (SMOD#)
•Warning flag for over-temperature conditions
•Driver output disable function (DISB# pin)
•Internal pull-up and pull-down for SMOD# andDISB# inputs, respectively
•Integrated Schottky diode technology in thelow-side MOSFET
•Integrated bootstrap Schottky diode
•Adaptive gate drive timing for shoot-throughprotection
•Under-voltage lockout (UVLO)
•Optimized for switching frequencies ≤ 1MHz




Similar Part No. - ZSPM9060

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
Ultra-Compact, High-Performance High-Frequency DrMOS Device
ZSPM9060ZA1R IDT-ZSPM9060ZA1R Datasheet
715Kb / 30P
Ultra-Compact, High-Performance High-Frequency DrMOS Device
More results


Similar Description - ZSPM9060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
Ultra-Compact, High-Performance DrMOS Device
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
Ultra-Compact, High-Performance DrMOS Device
ZSPM9015 ETC2-ZSPM9015 Datasheet
727Kb / 24P
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Integrated Device Techn...
ZSPM9000 IDT-ZSPM9000 Datasheet
952Kb / 28P
Ultra-Compact, High-Performance DrMOS Device
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
Ultra-Compact, High-Performance DrMOS Device
ZSPM9015 IDT-ZSPM9015 Datasheet
434Kb / 22P
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
Ultra-Compact, High-Performance High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com