Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4121AI1W30 Datasheet (PDF) - Renesas Technology Corp

ZSPM4121AI1W30 Datasheet PDF - Renesas Technology Corp
Part # ZSPM4121AI1W30
Download  ZSPM4121AI1W30 Download
File Size   577.75 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Under-Voltage Load Switch for Smart Battery Management

ZSPM4121AI1W30 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM4121AI1W30 Datasheet PDF - Renesas Technology Corp

Part # ZSPM4121AI1W30
Download  ZSPM4121AI1W30 Click to download

File Size   577.75 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Under-Voltage Load Switch for Smart Battery Management

ZSPM4121AI1W30 Datasheet (HTML) - Renesas Technology Corp


ZSPM4121AI1W30 Product details

Features
•Threshold voltage options of 1.2V to 4.2V in100mV steps (factory programmed)
•Wide input voltage range: 1.2V to 5.5V
•Supervisory over-current limit shutdown: (3A)
•Low drop-out disconnect from VCC to loads
•Controlled turn-on slew rate
•500mV Off Mode to On Mode hysteresis
Related IDT Smart Power Products
•ZSPM4141 Ultra-Low-Power Linear Regulator
Available Support
•Evaluation Kit
•Support Documentation
Physical Characteristics
•Package: 8-pin DFN (2mm x 2mm)




Similar Part No. - ZSPM4121AI1W30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ZSPM4121AI1W30 AD-ZSPM4121AI1W30 Datasheet
950Kb / 17P
Under-Voltage Load Switch for Smart Battery Management
More results


Similar Description - ZSPM4121AI1W30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1103 FAIRCHILD-FPF1103 Datasheet
790Kb / 14P
Advance Load Management Switch
logo
Silicon Standard Corp.
SS4003 SSC-SS4003 Datasheet
432Kb / 10P
Smart Battery Power Management
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
Under-Voltage Load Switch for Smart Battery Management
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
Battery Management Under-Voltage Load Switch
logo
Richtek Technology Corp...
RT9750 RICHTEK-RT9750 Datasheet
332Kb / 30P
6-A Smart Load Switch Battery Charger
logo
ON Semiconductor
FPF1107 ONSEMI-FPF1107 Datasheet
745Kb / 16P
Advance Load Management Switch
November 2009 Rev. 1.0.1
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
Advanced Load Management Switch
September 2016 Rev. 1.11
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
Load switch for battery application
logo
ON Semiconductor
FPF1504 ONSEMI-FPF1504_V01 Datasheet
950Kb / 11P
Advanced Load Management Switch
July, 2023 - Rev. 4
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com