Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847BTQ Datasheet (PDF) - Diodes Incorporated

BC847BTQ Datasheet PDF - Diodes Incorporated
Part # BC847BTQ
Download  BC847BTQ Download
File Size   493.46 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN SMALL SIGNAL TRANSISTOR IN SOT523

BC847BTQ Datasheet (PDF)

Go To PDF Page Download Datasheet
BC847BTQ Datasheet PDF - Diodes Incorporated

Part # BC847BTQ
Download  BC847BTQ Click to download

File Size   493.46 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN SMALL SIGNAL TRANSISTOR IN SOT523

BC847BTQ Datasheet (HTML) - Diodes Incorporated


BC847BTQ Product details

Features
 BVCEO > 45V
 IC = 100mA Collector Current
 Epitaxial Planar Die Construction
 Ultra-Small Surface Mount Package
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability
 PPAP Capable (Note 4)




Similar Part No. - BC847BTQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BT PHILIPS-BC847BT Datasheet
46Kb / 8P
NPN general purpose transistors
1999 Apr 26
logo
Diodes Incorporated
BC847BT DIODES-BC847BT Datasheet
59Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. A-2
logo
Infineon Technologies A...
BC847BT INFINEON-BC847BT Datasheet
229Kb / 9P
NPN Silicon AF Transistors
Aug-01-2002
logo
Weitron Technology
BC847BT WEITRON-BC847BT Datasheet
84Kb / 4P
General Purpose Transistor NPN Silicon
logo
NXP Semiconductors
BC847BT PHILIPS-BC847BT Datasheet
84Kb / 13P
45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
More results


Similar Description - BC847BTQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BFA DIODES-BC847BFA_15 Datasheet
336Kb / 6P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 2
BC847BFZ DIODES-BC847BFZ_15 Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 20
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 5
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 5
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 2
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
2DC4617SQ DIODES-2DC4617SQ Datasheet
405Kb / 7P
50V NPN SMALL SIGNAL TRANSISTOR IN SOT523
November 2020 Rev. 1 - 2
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com