Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8411A Datasheet (PDF) - Analog Devices

AD8411A Datasheet PDF - Analog Devices
Part # AD8411A
Download  AD8411A Download
File Size   1565.44 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description −2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V

AD8411A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8411A Datasheet PDF - Analog Devices

Part # AD8411A
Download  AD8411A Click to download

File Size   1565.44 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description −2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V

AD8411A Datasheet (HTML) - Analog Devices


AD8411A Product details

GENERAL DESCRIPTION
The AD8411A1 is a high-voltage, high-bandwidth current-sense
amplifier. The device features an initial gain of 50 V/V, with a 2.7
MHz bandwidth with a maximum ±0.15% gain error over the entire
temperature range. The buffered output voltage directly interfaces
with any typical converter. The AD8411A has a minimum DC common-
mode rejection ratio (CMRR) of 123 dB from −2 V to +70 V.
The AD8411A performs bidirectional current measurements across
a shunt resistor in various industrial and automotive applications.
The AD8411A offers breakthrough performance throughout the
−40°C to +125°C temperature range. The device features an
in-package trim core, which leads to a typical offset drift of
±0.26 μV/°C (based on Box Method, see Figure 53) throughout the
operating temperature range and the common-mode voltage range
without the need for chopping and auto-zero clocks (which could
lead to intermodulation in the application). The device includes
circuitry to achieve a wide input common-mode range and balanced
input bias currents, regardless of input differential voltage or common-
mode voltage, and circuitry to achieve ultra-low CMRR drift.
The device also includes circuitry to enable output accuracy in
the presence of pulse-width modulation (PWM) type input commonmode
voltages. The AD8411A is available in 8-lead, Mini Small Outline Package (MSOP).

FEATURES
► 2.7 MHz small signal, −3 dB bandwidth
► In-package Trim Core (DigiTrim™)
► Precision without chopping and/or auto-zero
► Typical ±0.26 μV/°C offset drift
► Maximum ±200 μV voltage-offset over temperature range
► Typical DC CMRR: 142 dB
► Typical AC CMRR at 50 kHz: 96 dB
► Wide common-mode input voltage range
► −2 V to +70 V, continuous operation
► −20 V to +85 V, continuous survival
► Initial gain: 50 V/V
► Wide operating temperature range: −40°C to +125°C
► Bidirectional operation
► 2.9 V to 5.5 V power-supply operating range
► Available in 8-lead, MSOP package
► AEC-Q100 Automotive Qualified

APPLICATIONS
► In-phase or High-side current sensing in
► BLDC motors, Low-inductance motors
► Bidirectional 48 V to 12 V DC-DC converters
► Solenoid controls
► Power rail monitoring
► Low-side current sensing




Similar Part No. - AD8411A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
AD841 AD-AD841 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
AD841 AD-AD841 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
Rev. C
AD8410 AD-AD8410 Datasheet
3Mb / 4P
High Voltage, High Bandwidth Current Sense Amplifier
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
More results


Similar Description - AD8411A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280 TI-INA280 Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA183 TI-INA183 Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
logo
Analog Devices
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
logo
Texas Instruments
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com