Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8411A Datasheet (PDF) - Analog Devices

AD8411A Datasheet PDF - Analog Devices
Part # AD8411A
Download  AD8411A Download
File Size   1766.46 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description −2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V

AD8411A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8411A Datasheet PDF - Analog Devices

Part # AD8411A
Download  AD8411A Click to download

File Size   1766.46 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description −2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V

AD8411A Datasheet (HTML) - Analog Devices


AD8411A Product details

FEATURES

2.7 MHz small signal, −3 dB bandwidth

In-package Trim Core (DigiTrim™)

Precision without chopping and/or auto-zero

Typical ±0.26 μV/°C offset drift

Maximum ±200 μV voltage-offset over temperature range

Typical DC CMRR: 142 dB

Typical AC CMRR at 50 kHz: 96 dB

Wide common-mode input voltage range

−2 V to +70 V, continuous operation

−20 V to +85 V, continuous survival

Initial gain: 50 V/V

Wide operating temperature range: −40°C to +125°C

Bidirectional operation

2.9 V to 5.5 V power-supply operating range

Available in 8-lead SOIC_N, 8-lead MSOP, and 10-lead MSOP packages

AEC-Q100 qualified for automotive applications


APPLICATIONS

In-phase or High-side current sensing in

BLDC motors, Low-inductance motors

Bidirectional 48 V to 12 V DC-DC converters

Solenoid controls

Power rail monitoring

Low-side current sensing

Datacenter power supply unit (PSU) and battery backup unit (BBU)




Similar Part No. - AD8411A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8411A AD-AD8411A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. 0
AD8411AR-EVALZ AD-AD8411AR-EVALZ Datasheet
3Mb / 7P
Evaluating the AD8411A, −2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. A
AD8411ARM-EVALZ AD-AD8411ARM-EVALZ Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. 0
AD8411AWBRMZ AD-AD8411AWBRMZ Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. 0
AD8411AWBRMZ-RL AD-AD8411AWBRMZ-RL Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. 0
More results


Similar Description - AD8411A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280 TI-INA280 Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA183 TI-INA183 Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
logo
Analog Devices
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
AD8411A AD-AD8411A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. 0
logo
Texas Instruments
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com