Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR5000 Datasheet (PDF) - Analog Devices

ADAR5000 Datasheet PDF - Analog Devices
Part # ADAR5000
Download  ADAR5000 Download
File Size   328.46 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 17 GHz to 32 GHz, 4-Way RF Splitter Combiner

ADAR5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAR5000 Datasheet PDF - Analog Devices

Part # ADAR5000
Download  ADAR5000 Click to download

File Size   328.46 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 17 GHz to 32 GHz, 4-Way RF Splitter Combiner

ADAR5000 Datasheet (HTML) - Analog Devices


ADAR5000 Product details

GENERAL DESCRIPTION
The ADAR5000 is a 1-to-4 Wilkinson power splitter that is designed
for space-sensitive microwave signal distribution applications. Excess
insertion loss ranges from −1.5 dB to −2.5 dB from 17 GHz
to 32 GHz. The four outputs are matched in both phase and
amplitude, making the ADAR5000 ideal for signal distribution applications
requiring low time skew between channels. The ADAR5000
can also be used as a combiner, combining input signals at the P1,
P2, P3, and P4 ports to an output at the S1 port. The ADAR5000 is
housed in a compact, 2.460 mm x 2.460 mm x 0.500 mm WLCSP,
which makes it ideal for use in planar, phased-array antenna systems
that require a tight pitch between elements.
The ADAR5000 is fabricated on a passive silicon process, and it is
specified to operate from −40°C to +85°C.

FEATURES
► 4-way RF splitter combiner
► Frequency range: 17 GHz to 32 GHz
► Insertion loss (excess of 6.0 dB): −1.7 dB at 22 GHz to 27 GHz
► Return loss (S1): −17 dB at 22 GHz to 27 GHz
► Isolation: −17 dB at 22 GHz to 27 GHz
► 2.460 mm x 2.460 mm x 0.500 mm, wafer level, chip-scale package

APPLICATIONS
► General-purpose microwave signal distribution
► Phased-array satellite communication (satcom) systems
► Phased-array radar systems




Similar Part No. - ADAR5000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR5001 AD-ADAR5001 Datasheet
341Kb / 9P
10 GHz to 40 GHz, 2-Way RF Splitter Combiner
Rev. 0
ADAR5001-EVALZ AD-ADAR5001-EVALZ Datasheet
341Kb / 9P
10 GHz to 40 GHz, 2-Way RF Splitter Combiner
Rev. 0
ADAR5001ACBZ AD-ADAR5001ACBZ Datasheet
341Kb / 9P
10 GHz to 40 GHz, 2-Way RF Splitter Combiner
Rev. 0
ADAR5001ACBZ-R7 AD-ADAR5001ACBZ-R7 Datasheet
341Kb / 9P
10 GHz to 40 GHz, 2-Way RF Splitter Combiner
Rev. 0
More results


Similar Description - ADAR5000

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD15-73 ALPHA-PD15-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD19-73 ALPHA-PD19-73 Datasheet
339Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
logo
Skyworks Solutions Inc.
PD4W09-12 SKYWORKS-PD4W09-12 Datasheet
44Kb / 3P
Four-Way 0 Power Splitter Combiner 0.81--0.96 GHz
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD4W18-12 SKYWORKS-PD4W18-12 Datasheet
133Kb / 5P
Four-Way Power Splitter Combiner 1.71-1.99 GHz
PD16-73LF SKYWORKS-PD16-73LF Datasheet
184Kb / 4P
Two-Way Power Splitter Combiner 1.42-1.66 GHz
PD15-73 SKYWORKS-PD15-73 Datasheet
163Kb / 4P
Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com