Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR5001ACBZ Datasheet (PDF) - Analog Devices

ADAR5001ACBZ Datasheet PDF - Analog Devices
Part # ADAR5001ACBZ
Download  ADAR5001ACBZ Download
File Size   341.55 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 GHz to 40 GHz, 2-Way RF Splitter Combiner

ADAR5001ACBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAR5001ACBZ Datasheet PDF - Analog Devices

Part # ADAR5001ACBZ
Download  ADAR5001ACBZ Click to download

File Size   341.55 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 GHz to 40 GHz, 2-Way RF Splitter Combiner

ADAR5001ACBZ Datasheet (HTML) - Analog Devices


ADAR5001ACBZ Product details

GENERAL DESCRIPTION
The ADAR5001 is a 1-to-2 Wilkinson power splitter that is designed
for space-constrained microwave signal distribution applications.
Excess insertion loss ranges from −1.0 dB (from 10 GHz to 18
GHz) and −1.1 dB (from 18 GHz to 27 GHz). The two outputs are
matched in both phase and amplitude, making the ADAR5001 ideal
for signal distribution applications requiring low time skew between
channels. The ADAR5001 can also be used as a combiner, combining
input signals at the P1 and P2 ports to an output at the S1
port. The ADAR5001 is housed in a compact, 1.460 mm × 1.460
mm × 0.500 mm WLCSP, which makes it ideal for use in planar,
phased-array antenna systems that require a tight pitch between
elements.
The ADAR5001 is fabricated on a passive silicon process, and it is
specified to operate from −40°C to +85°C.

FEATURES
► 2-way RF splitter combiner
► Frequency range: 10 GHz to 40 GHz
► Insertion loss (excess of 3 dB):
► −1 dB from 10 GHz to 18 GHz
► −1.1 dB from 18 GHz to 27 GHz
► Return loss (Port S1):
► −15 dB from 10 GHz to 18 GHz
► −12 dB from 18 GHz to 27 GHz
► Isolation:
► −20 dB at 10 GHz to 18 GHz
► −23 dB from 18 GHz to 27 GHz
► 1.460 mm × 1.460 mm × 0.500 mm, wafer level chip-scale package (WLCSP)

APPLICATIONS
► General-purpose microwave signal distribution
► Phased-array satellite communication (SATCOM) systems
► Phased-array radar systems




Similar Part No. - ADAR5001ACBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR5000 AD-ADAR5000 Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
ADAR5000-EVALZ AD-ADAR5000-EVALZ Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
ADAR5000ACBZ AD-ADAR5000ACBZ Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
ADAR5000ACBZ-R7 AD-ADAR5000ACBZ-R7 Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
More results


Similar Description - ADAR5001ACBZ

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD19-73 ALPHA-PD19-73 Datasheet
339Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
logo
Skyworks Solutions Inc.
PD4W09-12 SKYWORKS-PD4W09-12 Datasheet
44Kb / 3P
Four-Way 0 Power Splitter Combiner 0.81--0.96 GHz
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD4W18-12 SKYWORKS-PD4W18-12 Datasheet
133Kb / 5P
Four-Way Power Splitter Combiner 1.71-1.99 GHz
PD16-73LF SKYWORKS-PD16-73LF Datasheet
184Kb / 4P
Two-Way Power Splitter Combiner 1.42-1.66 GHz
PD15-73 SKYWORKS-PD15-73 Datasheet
163Kb / 4P
Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
logo
Analog Devices
ADAR5000 AD-ADAR5000 Datasheet
328Kb / 9P
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com