Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3650 Datasheet (PDF) - Analog Devices

ADR3650 Datasheet PDF - Analog Devices
Part # ADR3650
Download  ADR3650 Download
File Size   3984.01 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Micropower, High Current Output Voltage References

ADR3650 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR3650 Datasheet PDF - Analog Devices

Part # ADR3650
Download  ADR3650 Click to download

File Size   3984.01 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Micropower, High Current Output Voltage References

ADR3650 Datasheet (HTML) - Analog Devices


ADR3650 Product details

GENERAL DESCRIPTION
The ADR3625ADR3630ADR3650 are low power, high precision
voltage references that feature a maximum temperature coefficient
of 3 ppm/°C for the B grade in an 8-lead MSOP. Capable of
sourcing up to 70 mA, the ADR3625ADR3630ADR3650 are an
exceptional replacement to standard low dropout (LDO) regulators.
For high accuracy, the output voltage and temperature coefficient
are trimmed during production using the Analog Devices, Inc.,
proprietary DigiTrim® technology.
The low thermal hysteresis (7 ppm) and low long-term drift
(160 ppm at 3500 Hr) improve system lifetime accuracy. A
minimum load capacitance of 0.1 μF is required for operation.
The ADR3625ADR3630ADR3650 is specified over the –40°C to
+125°C operating temperature range.

FEATURES
► Maximum temperature coefficient
► 3 ppm/°C (B grade)
► 6 ppm/°C (A grade)
► Output current capacity (typical): 70 mA sourcing and 20 mA
sinking
► Low quiescent current: 65 μA
► Low shutdown current: 1.5 μA
► Output voltage noise (0.1 Hz to 10 Hz): 3 ppm p-p
► Maximum initial output voltage error
► ±0.04% (B grade)
► ±0.08% (A grade)
► Operating temperature range: −40°C to +125°C
► Maximum input voltage: 16 V
► Low dropout voltage
► 0.25 V for the ADR3625
► 0.15 V for the ADR3630 and ADR3650
► 1.8 V logic compatible
► 8-Lead MSOP package

APPLICATIONS
► Precision power supplies
► Portable instrumentation
► Process transmitters
► Remote sensors
► Medical instrumentation
► Auto battery monitors




Similar Part No. - ADR3650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR365 AD-ADR365 Datasheet
671Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
3/06-Rev. 0 to Rev. A
ADR365 AD-ADR365 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR365A AD-ADR365A Datasheet
671Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
3/06-Rev. 0 to Rev. A
ADR365AUJZ-R2 AD-ADR365AUJZ-R2 Datasheet
538Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
Rev. D
ADR365AUJZ-REEL7 AD-ADR365AUJZ-REEL7 Datasheet
671Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
3/06-Rev. 0 to Rev. A
More results


Similar Description - ADR3650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6161 MAXIM-MAX6161 Datasheet
335Kb / 17P
Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Rev 2; 2/02
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 5
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 8
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
logo
Maxim Integrated Produc...
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com