Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet (PDF) - Diodes Incorporated

LM4041 Datasheet PDF - Diodes Incorporated
Part # LM4041
Download  LM4041 Download
File Size   177.31 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES

LM4041 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4041 Datasheet PDF - Diodes Incorporated

Part # LM4041
Download  LM4041 Click to download

File Size   177.31 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES

LM4041 Datasheet (HTML) - Diodes Incorporated


LM4041 Product details

Description

The LM4041 is a bandgap circuit designed to achieve a precision micro-power voltage reference of 1.225 V. The device is available in the small outline SOT23 and SC70-5 surface mount packages which are ideal for applications where space saving is important.

Both packages are available to 0.5% C grade and 1% D grade for precision applications. Excellent performance is maintained over the 60µA to 12mA operating current range with a typical temperature coefficient of only 20ppm/°C. The device has been designed to be highly tolerant of capacitive loads so maintaining excellent stability.

This device offers a pin for pin compatible alternative to the LM4041 voltage reference in both adjustable and 1.225V output variants.



Features

• Small packages:       SOT23, SC70-5

• No output capacitor required

• Output voltage tolerance

• LM4041C         ±0.5% at 25°C

• LM4041D         ±1% at 25°C

• Low output noise  20µVrms

   (10Hz to 10kHz)

• Wide operating current range    60µA to 12mA

• Extended temperature range    -40°C to +125°C

• Low temperature coefficient    100ppm/°C (max)



Applications

• Battery powered equipment

• Precision power supplies

• Portable instrumentation

• Portable communications devices

• Notebook and palmtop computers

• Data acquisition systems



 




Similar Part No. - LM4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041 NSC-LM4041 Datasheet
277Kb / 19P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041 TI-LM4041 Datasheet
501Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
664Kb / 28P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Similar Description - LM4041

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 5
logo
Analog Devices
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 8
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5044 AD-ADR5044_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com