Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4041 Datasheet(HTML) 2 Page - Diodes Incorporated

  LM4041 Datasheet HTML 1Page - Diodes Incorporated LM4041 Datasheet HTML 2Page - Diodes Incorporated LM4041 Datasheet HTML 3Page - Diodes Incorporated LM4041 Datasheet HTML 4Page - Diodes Incorporated LM4041 Datasheet HTML 5Page - Diodes Incorporated LM4041 Datasheet HTML 6Page - Diodes Incorporated LM4041 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041
Document number: DS32020 Rev. 7 - 2
2 of 7
www.diodes.com
December 2010
© Diodes Incorporated
Absolute Maximum Ratings
Description
Rating
Unit
Continuous Reverse Current (IR)
20
mA
Continuous Forward Current (IF)
10
mA
Maximum Output Voltage (LM4041_ADJ)
15
V
Junction Temperature
-40 to 155
°C
Storage Temperature
-55 to 150
°C
ESD Ratings
Human Body Model
4000
V
Machine Model
200
V
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure. Operation at the absolute
maximum rating, for extended periods may reduce device reliability.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken
when handling and transporting these devices.
Package Thermal Data
Package
θJA
PDIS
TA = 25°C, TJ = 150°C
SOT23
380°C/W
330mW
SC70-5
420°C/W
300mW
Recommended Operating Conditions
Parameter
Min
Max
Units
Reverse Current
0.06
12
mA
Output Voltage Range
1.24
10
V
Operating Ambient Temperature Range
-40
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com