Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408950 Datasheet (PDF) - PHOENIX CONTACT

1408950 Datasheet PDF - PHOENIX CONTACT
Part # 1408950
Download  1408950 Download
File Size   383.93 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4AC/1,0-94B/R4AC - Network cable

1408950 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408950 Datasheet PDF - PHOENIX CONTACT

Part # 1408950
Download  1408950 Click to download

File Size   383.93 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4AC/1,0-94B/R4AC - Network cable

1408950 Datasheet (HTML) - PHOENIX CONTACT


1408950 Product details

Assembled Ethernet cable, shielded, 4-pair, AWG 26 stranded (7-wire), RAL 5021 (water blue),
RJ45 plug/IP20 to RJ45 plug/IP20, line, length: 1 m

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1408950

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408951 PHOENIX-1408951 Datasheet
397Kb / 10P
NBC-R4AC/2,0-94B/R4AC - Network cable
1408952 PHOENIX-1408952 Datasheet
383Kb / 10P
NBC-R4AC/5,0-94B/R4AC - Network cable
1408953 PHOENIX-1408953 Datasheet
339Kb / 8P
Network cable - NBC-R4AC/10,0-94B/R4AC
1408954 PHOENIX-1408954 Datasheet
400Kb / 10P
NBC-R4MC/5,0-94B/R4MC - Network cable
1408955 PHOENIX-1408955 Datasheet
404Kb / 10P
NBC-R4MC/1,0-94B/R4MC - Network cable
More results


Similar Description - 1408950

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408933 PHOENIX-1408933 Datasheet
128Kb / 8P
Network cable - NBC-R4AC/1,0-93E/R4AC
09/11/2020
1410595 PHOENIX-1410595 Datasheet
161Kb / 3P
Network cable - NBC-R4AC/1,0-UTP GY/R4AC
01/21/2022
1403927 PHOENIX-1403927 Datasheet
275Kb / 8P
Network cable - NBC-R4AC/1,0-94Z/R4AC
Jan 11, 2023
1408953 PHOENIX-1408953 Datasheet
339Kb / 8P
Network cable - NBC-R4AC/10,0-94B/R4AC
1405856 PHOENIX-1405856 Datasheet
422Kb / 11P
Network cable - NBC-M12MR-R4AC US/94B/...
1407414 PHOENIX-1407414 Datasheet
611Kb / 17P
NBC-MS/ 1,0-94B/R4AC SCO - Network cable
1407443 PHOENIX-1407443 Datasheet
607Kb / 16P
NBC-FS/ 1,0-94B/R4AC SCO - Network cable
1408952 PHOENIX-1408952 Datasheet
383Kb / 10P
NBC-R4AC/5,0-94B/R4AC - Network cable
1423711 PHOENIX-1423711 Datasheet
462Kb / 11P
NBC-M8MSD/ 1,0-93C/R4AC - Network cable
1408951 PHOENIX-1408951 Datasheet
397Kb / 10P
NBC-R4AC/2,0-94B/R4AC - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com