Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408951 Datasheet (PDF) - PHOENIX CONTACT

1408951 Datasheet PDF - PHOENIX CONTACT
Part # 1408951
Download  1408951 Download
File Size   397.66 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4AC/2,0-94B/R4AC - Network cable

1408951 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408951 Datasheet PDF - PHOENIX CONTACT

Part # 1408951
Download  1408951 Click to download

File Size   397.66 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4AC/2,0-94B/R4AC - Network cable

1408951 Datasheet (HTML) - PHOENIX CONTACT


1408951 Product details

Network cable, degree of protection: IP20, cable length: 2 m, number of positions: 8, 1 Gbps,
CAT5, cable outlet: straight, Ethernet

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1408951

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408950 PHOENIX-1408950 Datasheet
383Kb / 10P
NBC-R4AC/1,0-94B/R4AC - Network cable
1408952 PHOENIX-1408952 Datasheet
383Kb / 10P
NBC-R4AC/5,0-94B/R4AC - Network cable
1408953 PHOENIX-1408953 Datasheet
339Kb / 8P
Network cable - NBC-R4AC/10,0-94B/R4AC
1408954 PHOENIX-1408954 Datasheet
400Kb / 10P
NBC-R4MC/5,0-94B/R4MC - Network cable
1408955 PHOENIX-1408955 Datasheet
404Kb / 10P
NBC-R4MC/1,0-94B/R4MC - Network cable
More results


Similar Description - 1408951

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403929 PHOENIX-1403929 Datasheet
275Kb / 8P
Network cable - NBC-R4AC/2,0-94Z/R4AC
Jan 11, 2023
1408953 PHOENIX-1408953 Datasheet
339Kb / 8P
Network cable - NBC-R4AC/10,0-94B/R4AC
1405856 PHOENIX-1405856 Datasheet
422Kb / 11P
Network cable - NBC-M12MR-R4AC US/94B/...
1406117 PHOENIX-1406117 Datasheet
470Kb / 11P
Network cable - NBC-M12MS/ 2,0-94B/R4AC US
1407444 PHOENIX-1407444 Datasheet
608Kb / 16P
Network cable - NBC-FS/ 2,0-94B/R4AC SCO
1408950 PHOENIX-1408950 Datasheet
383Kb / 10P
NBC-R4AC/1,0-94B/R4AC - Network cable
1407415 PHOENIX-1407415 Datasheet
611Kb / 17P
NBC-MS/ 2,0-94B/R4AC SCO - Network cable
1408934 PHOENIX-1408934 Datasheet
372Kb / 10P
NBC-R4AC/2,0-93E/R4AC - Network cable
1408952 PHOENIX-1408952 Datasheet
383Kb / 10P
NBC-R4AC/5,0-94B/R4AC - Network cable
1414428 PHOENIX-1414428 Datasheet
404Kb / 10P
NBC-R4AC/2,0-94B/R4RC - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com