Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25262 Datasheet (PDF) - Analog Devices

MAX25262 Datasheet PDF - Analog Devices
Part # MAX25262
Download  MAX25262 Download
File Size   1654.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive, 65V 2A/3A Mini Buck Converter

MAX25262 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25262 Datasheet PDF - Analog Devices

Part # MAX25262
Download  MAX25262 Click to download

File Size   1654.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive, 65V 2A/3A Mini Buck Converter

MAX25262 Datasheet (HTML) - Analog Devices


MAX25262 Product details

Description
The MAX25262/MAX25263 are small, synchronous buck
converters with integrated high-side and low-side
switches. The device is designed to deliver up to 2A/3A
with 3.5V to 65V input voltages while using only 3.5μA
quiescent current at no load. The IC comes with a small
20ns minimum on-time capability, which enables the large
step-down conversions in a single stage without skipping
cycles. A max duty cycle of 98% and low high side FET
ON resistance enable a low dropout operation for low
input voltage applications.
The voltage quality can be monitored by observing the
PGOOD signal. The device offers two fixed 5V and 3.3V
output voltages. In addition, the device can be configured
for 1V to 20V output voltages using an external resistordivider.
The frequency is internally fixed at 2.1MHz, which
allows for small external components, reduced output
ripple, and guarantees no AM interference. A 400kHz
option is also offered to provide the minimum switching
losses and maximum efficiency. For high light load
efficiency, the IC enters skip mode at light loads when
FSYNC is pulled low. A pin selectable forced pulse-width
modulation (PWM) mode is also available for the EMI
critical applications. The IC comes in a symmetrical flipchip
package that offers superior EMI performance.
Further, the pin selectable spread spectrum helps to
enhance the EMI performance.

Applications
• Double Battery Automotive Systems
• Automotive Instrument Cluster
• Distributed DC Power Systems
• Navigation and Radio Head Units

Features
• Meets Stringent Original Equipment Manufacturer
(OEM) Module Power Consumption and Performance
Specifications
• 2A/3A Output-Current Capability
• 3.5μA Supply Current in Standby Mode
• Enables Double Battery Operation
• Wide Input Supply Range from 3.5V to 65V
• Programmable 1V to 20V Output Voltage
• Fixed 5V/3.3V/12V Options Available
• EMI Reduction Features Reduce Interference with
Sensitive Radio Bands without Sacrificing Wide Input
Voltage Range
• 20ns (typ) Minimum On-Time Guarantees Skip-
Free Operation for 3.3V Output at 2.1MHz and
24Vin
• Spread-Spectrum Option
• Phase-Locked Loop (PLL) Frequency
Synchronization
• Protection Features Improve System Reliability
• PGOOD Output and High-Voltage EN Input
Simplify Power Sequencing
• Under-voltage Lockout
• Over Temperature and Short Circuit Protection
• AEC-Q100 Qualified




Similar Part No. - MAX25262

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX252 MAXIM-MAX252 Datasheet
263Kb / 8P
Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module
19-2370; Rev 2; 10/91
MAX25200 MAXIM-MAX25200 Datasheet
881Kb / 7P
4.5V to 42V Input Supply Range
Rev 0; 8/19
MAX25201 MAXIM-MAX25201 Datasheet
1Mb / 22P
36V HV Synchronous Boost Controller for Automotive Infotainment Applications
Rev 3; 2/20
MAX25201 MAXIM-MAX25201 Datasheet
881Kb / 7P
4.5V to 42V Input Supply Range
Rev 0; 8/19
MAX25201ATEA/VY+ MAXIM-MAX25201ATEA/VY+ Datasheet
833Kb / 25P
36V HV Synchronous Boost Controller for Automotive Infotainment Applications
2021
More results


Similar Description - MAX25262

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1512 ANACHIP-AP1512 Datasheet
225Kb / 12P
50KHz, 2A/3A PWM Buck DC/DC Converter
Rev.1.1 Oct. 14, 2005
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
Diodes Incorporated
AP1512A-K5L-13 DIODES-AP1512A-K5L-13 Datasheet
222Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Rev 4
AP1512-50K5L-13 DIODES-AP1512-50K5L-13 Datasheet
228Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Rev 4
logo
Global Mixed-mode Techn...
G5642 GMT-G5642 Datasheet
75Kb / 1P
3A Buck Converter
logo
Texas Instruments
LM5160A TI1-LM5160A Datasheet
1Mb / 28P
Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160-Q1 TI1-LM5160-Q1 Datasheet
1Mb / 33P
Wide Input 65V 1.5A Synchronous Buck / Fly-Buck Converter
logo
E-CMOS Corporation
EC3282S E-CMOS-EC3282S Datasheet
997Kb / 9P
2A, 28V, Buck Converter
logo
Unisonic Technologies
P1690 UTC-P1690 Datasheet
136Kb / 5P
0.4A, 150KHZ 65V BUCK DC TO DC CONVERTER
logo
Diodes Incorporated
AP1512 DIODES-AP1512 Datasheet
283Kb / 12P
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com