Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS8110T Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS8110T Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS8110T
Download  PBSS8110T Download
File Size   1388.86 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 1 A NPN low VCEsat transistor

PBSS8110T Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS8110T Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS8110T
Download  PBSS8110T Click to download

File Size   1388.86 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 1 A NPN low VCEsat transistor

PBSS8110T Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS8110T Product details

1. General description
NPN low VCEsat transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic
package.
PNP complement: PBSS9110T

2. Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability: IC and ICM

3. Applications
• Major application segments
• Automotive 42 V power
• Telecom infrastructure
• Industrial
• Power management
• DC/DC converters
• Supply line switching
• Battery charger
• LCD backlighting
• Peripheral drivers
• Driver in low supply voltage applications (e.g. lamps and LEDs)
• Inductive load driver (e.g. relays, buzzers and motors)




Similar Part No. - PBSS8110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110T PHILIPS-PBSS8110T Datasheet
133Kb / 12P
100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
PBSS8110T PHILIPS-PBSS8110T Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS8110T NXP-PBSS8110T Datasheet
202Kb / 12P
100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
logo
Nexperia B.V. All right...
PBSS8110T-Q NEXPERIA-PBSS8110T-Q Datasheet
281Kb / 13P
100 V, 1 A NPN low VCEsat transistor
13 May 2022
logo
NXP Semiconductors
PBSS8110T PHILIPS-PBSS8110T_15 Datasheet
202Kb / 12P
NPN low VCEsat (BISS) transistor 100 V, 1 A
2003 Dec 22
More results


Similar Description - PBSS8110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z Datasheet
104Kb / 12P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
PBSS8110T NXP-PBSS8110T Datasheet
202Kb / 12P
100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
PBSS8110Y PHILIPS-PBSS8110Y_15 Datasheet
185Kb / 13P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009
PBSS8110Z PHILIPS-PBSS8110Z_15 Datasheet
154Kb / 14P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
logo
Nexperia B.V. All right...
PBSS8110T-Q NEXPERIA-PBSS8110T-Q Datasheet
281Kb / 13P
100 V, 1 A NPN low VCEsat transistor
13 May 2022
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110X NEXPERIA-PBSS8110X Datasheet
327Kb / 16P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com