Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS8110T Datasheet (PDF) - NXP Semiconductors

PBSS8110T Datasheet PDF - NXP Semiconductors
Part # PBSS8110T
Download  PBSS8110T Download
File Size   133.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 100 V, 1 A NPN low VCEsat (BISS) transistor

PBSS8110T Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS8110T Datasheet PDF - NXP Semiconductors

Part # PBSS8110T
Download  PBSS8110T Click to download

File Size   133.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 100 V, 1 A NPN low VCEsat (BISS) transistor

PBSS8110T Datasheet (HTML) - NXP Semiconductors


PBSS8110T Product details

DESCRIPTION
NPN low VCEsat transistor in a SOT23 plastic package.
PNP complement: PBSS9110T.

FEATURES
• SOT23 package
• Low collector-emitter saturation voltage VCEsat
• High collector current capability: IC and ICM
• Higher efficiency leading to less heat generation
• Reduced printed-circuit board requirements.

APPLICATIONS
• Major application segments
    – Automotive 42 V power
    – Telecom infrastructure
    – Industrial
• Power management
    – DC/DC converters
    – Supply line switching
    – Battery charger
    – LCD backlighting.
• Peripheral drivers
    – Driver in low supply voltage applications (e.g. lamps and LEDs).
    – Inductive load driver (e.g. relays, buzzers and motors).




Similar Part No. - PBSS8110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110T PHILIPS-PBSS8110T Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS8110T NXP-PBSS8110T Datasheet
202Kb / 12P
100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
logo
Nexperia B.V. All right...
PBSS8110T NEXPERIA-PBSS8110T Datasheet
1Mb / 13P
100 V, 1 A NPN low VCEsat transistor
1 January 2023
PBSS8110T-Q NEXPERIA-PBSS8110T-Q Datasheet
281Kb / 13P
100 V, 1 A NPN low VCEsat transistor
13 May 2022
logo
NXP Semiconductors
PBSS8110T PHILIPS-PBSS8110T_15 Datasheet
202Kb / 12P
NPN low VCEsat (BISS) transistor 100 V, 1 A
2003 Dec 22
More results


Similar Description - PBSS8110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z Datasheet
104Kb / 12P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
PBSS8110D NXP-PBSS8110D Datasheet
172Kb / 12P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X NXP-PBSS8110X Datasheet
214Kb / 15P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110Y NXP-PBSS8110Y Datasheet
185Kb / 13P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009
PBSS8110Z NXP-PBSS8110Z Datasheet
154Kb / 14P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com