Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69899VP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M69899VP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M69899VP
Download  M69899VP Download
File Size   421.55 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16:1 2.488 Gbps Demultiplexer(with Differential Output)

M69899VP Datasheet (PDF)

Go To PDF Page Download Datasheet
M69899VP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M69899VP
Download  M69899VP Click to download

File Size   421.55 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16:1 2.488 Gbps Demultiplexer(with Differential Output)

M69899VP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M69899VP Product details

DESCRIPTION
The M69899VP demultiplexer chip is an integrated deserialization SONET OC-48 (2.488 Gbps) interface device. The chip performs serial-to-parallel functions in conformance with SONET/SDH transmission standards. The device is suitable for SONET-based ATM applications.

FEATURES
• Single 1.8 V power supply
• Supports 2.488 Gbps (OC-48, STM-16)
• Complies with ITU-T G958 specifications
• 16-bit differential PECL interface
• Low power consumption
• Available in 64 PQFP
• Parity check functions

APPLICATIONS
• SONET/SDH systems
• Fiber optic systems
• High-speed back plane interconnect and point-to-point data links




Similar Part No. - M69899VP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M69897VP MITSUBISHI-M69897VP Datasheet
61Kb / 10P
16:1 2.488 Gbps Multiplexer
More results


Similar Description - M69899VP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M69897VP MITSUBISHI-M69897VP Datasheet
61Kb / 10P
16:1 2.488 Gbps Multiplexer
logo
Broadcom Corporation.
BCM8211 BOARDCOM-BCM8211 Datasheet
116Kb / 1P
2.488 GBPS SONET/ SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
logo
Vitesse Semiconductor C...
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
Exar Corporation
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Broadcom Corporation.
BCM8211 BOARDCOM-BCM8211_04 Datasheet
122Kb / 2P
2.488 GBPS SONET/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
logo
National Semiconductor ...
DS15BA101 NSC-DS15BA101_07 Datasheet
229Kb / 10P
1.5 Gbps Differential Buffer with Adjustable Output Voltage
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812_1 Datasheet
1Mb / 22P
2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
logo
Semtech Corporation
SMI4037 SEMTECH-SMI4037 Datasheet
452Kb / 2P
39.8 to 44.6 Gbps 1:16 CDR/Demultiplexer
SMI5037 SEMTECH-SMI5037 Datasheet
447Kb / 2P
56 Gbps 2:16 DQPSK CDR/Demultiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com