Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

123085A Datasheet (PDF) - Belden Inc.

123085A Datasheet PDF - Belden Inc.
Part # 123085A
Download  123085A Download
File Size   144.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, CPE Jkt, CM, CL2

123085A Datasheet (PDF)

Go To PDF Page Download Datasheet
123085A Datasheet PDF - Belden Inc.

Part # 123085A
Download  123085A Click to download

File Size   144.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, CPE Jkt, CM, CL2

123085A Datasheet (HTML) - Belden Inc.


123085A Product details

Product Description
DeviceBus® for ODVA DeviceNet™, 2 Pair 22+24AWG (19x34+19x36) Tinned Copper, PVC+Foam PE Insulation, Individual Beldfoil® & OA Tinned Copper
Braid(65%) Shield, CPE Inner Jacket, Aluminum Interlock Armor, PVC Outer Jacket, CM, CL2




Similar Part No. - 123085A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12308 ETC2-12308 Datasheet
332Kb / 1P
Fuse carriers, Domestic cartridge fuses
logo
Heyco.
12308 HEYCO-12308 Datasheet
99Kb / 1P
Stainless Steel Cable Clamps
12308 HEYCO-12308 Datasheet
113Kb / 1P
SunClamp® Stainless Steel Cable Clamps
logo
Atom Lighting
12308 ATOM-12308 Datasheet
160Kb / 1P
AT9819 ACC
31st of January 2025 07:11:14
logo
Belden Inc.
123082A BELDEN-123082A Datasheet
158Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, CM PLTC
05-05-2023
More results


Similar Description - 123085A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
123107A BELDEN-123107A Datasheet
252Kb / 3P
RS485, 2 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt, CM
123082A BELDEN-123082A Datasheet
158Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, CM PLTC
05-05-2023
127895A BELDEN-127895A Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1820 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, PLTC
05-05-2023
133082F BELDEN-133082F Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt, sIA Armor, PVC Jkt, Flexible, CM PLTC
05-05-2023
133084A BELDEN-133084A Datasheet
145Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,SIA Armor, PVC Jkt, CM, CL2
05-05-2023
123082F BELDEN-123082F Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, Flexible, CMG PLTC
05-05-2023
123084F BELDEN-123084F Datasheet
141Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, Flexible, CMG, CL2
05-05-2023
129842 BELDEN-129842 Datasheet
190Kb / 2P
RS485, 2 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
623082A BELDEN-623082A Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, CM PLTC
05-05-2023
7895A BELDEN-7895A Datasheet
165Kb / 2P
DeviceBus®, 2 Pr #1820 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,CMG, PLTC
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com