Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

133084A Datasheet (PDF) - Belden Inc.

133084A Datasheet PDF - Belden Inc.
Part # 133084A
Download  133084A Download
File Size   145.37 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,SIA Armor, PVC Jkt, CM, CL2

133084A Datasheet (PDF)

Go To PDF Page Download Datasheet
133084A Datasheet PDF - Belden Inc.

Part # 133084A
Download  133084A Click to download

File Size   145.37 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,SIA Armor, PVC Jkt, CM, CL2

133084A Datasheet (HTML) - Belden Inc.


133084A Product details

Product Description
DeviceBus® for ODVA DeviceNet™, 2 Pair 22+24AWG (19x34+19x36) Tinned Copper, PVC+Foam PE Insulation, Individual Beldfoil® & OA Tinned Copper
Braid(65%) Shield, PVC Inner Jacket, Steel Interlock Armor, PVC Outer Jacket, CM, CL2




Similar Part No. - 133084A

ManufacturerPart #DatasheetDescription
logo
Heyco.
13308 HEYCO-13308 Datasheet
147Kb / 1P
Nylon Cable Tie Variations
logo
ERNI Electronics
133080 ERNI-133080 Datasheet
993Kb / 2P
MOD JACK - MJD
logo
Belden Inc.
133082F BELDEN-133082F Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt, sIA Armor, PVC Jkt, Flexible, CM PLTC
05-05-2023
logo
Heyco.
13308B HEYCO-13308B Datasheet
147Kb / 1P
Nylon Cable Tie Variations
More results


Similar Description - 133084A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
123082A BELDEN-123082A Datasheet
158Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, CM PLTC
05-05-2023
123085A BELDEN-123085A Datasheet
144Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, CPE Jkt, CM, CL2
05-05-2023
127895A BELDEN-127895A Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1820 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, PLTC
05-05-2023
133082F BELDEN-133082F Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt, sIA Armor, PVC Jkt, Flexible, CM PLTC
05-05-2023
123082F BELDEN-123082F Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, Flexible, CMG PLTC
05-05-2023
123084F BELDEN-123084F Datasheet
141Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, Flexible, CMG, CL2
05-05-2023
129842 BELDEN-129842 Datasheet
190Kb / 2P
RS485, 2 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
623082A BELDEN-623082A Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, CM PLTC
05-05-2023
7895A BELDEN-7895A Datasheet
165Kb / 2P
DeviceBus®, 2 Pr #1820 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,CMG, PLTC
04-14-2023
127897A BELDEN-127897A Datasheet
146Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVC-NYL FEP Ins, ISOA TC Brd, PVC Jkt, AIA, PVC Jkt, 600V
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com