Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6411 Datasheet (PDF) - Renesas Technology Corp

ISL6411 Datasheet PDF - Renesas Technology Corp
Part # ISL6411
Download  ISL6411 Download
File Size   609.81 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit

ISL6411 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6411 Datasheet PDF - Renesas Technology Corp

Part # ISL6411
Download  ISL6411 Click to download

File Size   609.81 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit

ISL6411 Datasheet (HTML) - Renesas Technology Corp


ISL6411 Product details

Features
• Small DC/DC Converter Size
- Three LDOs and RESET Circuitry in a Low-Profile
4x4mm QFN Package
• High Output Current
- LDO1, 1.8V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA
- LDO2, 2.84V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
- LDO3, 2.84V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA
• Ultra-Low Dropout Voltage
- LDO2, 2.84V. . . . . . . . . . . . . . . 125mV (typ.) at 300mA
- LDO3, 2.84V. . . . . . . . . . . . . . . 100mV (typ.) at 200mA
• Ultra-Low Output Voltage Noise
- <30VRMS (typ.) for LDO3 (VCO Supply)
• Stable with Smaller Ceramic Output Capacitors
• Voltage Sequencing for BBP/MAC and Analog Supplies
• Extensive Protection and Monitoring Features
- Over current protection
- Short circuit protection
- Thermal shutdown
- Reverse battery protection
- FAULT indicator
• Logic-Controlled Dual Shutdown Pins
• Integrated Microprocessor Reset Circuit
- Programmable Reset Delay
- Complimentary Reset Outputs
• Proven Reference Design for Total WLAN System
Solution
• QFN Package Option
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Product Outline
- Near Chip-Scale Package Footprint Improves PCB
Efficiency and Is Thinner in Profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• PRISM® 3, PRISM GT™, and PRISM WWR Chipsets
• WLAN Cards
- PCMCIA, Cardbus32, MiniPCI Cards
- Compact Flash Cards
• Hand-Held Instruments




Similar Part No. - ISL6411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6411 INTERSIL-ISL6411 Datasheet
256Kb / 4P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
November 2003
ISL6411IR INTERSIL-ISL6411IR Datasheet
256Kb / 4P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
November 2003
ISL6411IRZ INTERSIL-ISL6411IRZ Datasheet
256Kb / 4P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
November 2003
More results


Similar Description - ISL6411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6411 INTERSIL-ISL6411 Datasheet
256Kb / 4P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
November 2003
ISL6412 INTERSIL-ISL6412 Datasheet
182Kb / 10P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
January 2004
ISL6414 INTERSIL-ISL6414 Datasheet
368Kb / 12P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
August 2004
ISL6416 INTERSIL-ISL6416 Datasheet
160Kb / 3P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
November 3, 2004
ISL6412 INTERSIL-ISL6412_07 Datasheet
208Kb / 10P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
March 20, 2007
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
LDO Regulator with Reset
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6412 RENESAS-ISL6412 Datasheet
540Kb / 11P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6416 RENESAS-ISL6416 Datasheet
504Kb / 11P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com