Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6411 Datasheet (PDF) - Intersil Corporation

ISL6411 Datasheet PDF - Intersil Corporation
Part # ISL6411
Download  ISL6411 Download
File Size   256.68 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit

ISL6411 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6411 Datasheet PDF - Intersil Corporation

Part # ISL6411
Download  ISL6411 Click to download

File Size   256.68 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit

ISL6411 Datasheet (HTML) - Intersil Corporation


ISL6411 Product details

The ISL6411 is an ultra low noise triple output LDO regulator with microprocessor reset circuit and is optimized for powering wireless chip sets. The IC accepts an input voltage range of 3.0V to 3.6V and provides three regulated output voltages: 1.8V (LDO1), 2.84V (LDO2), and another ultra clean 2.84V (LDO3). On chip logic provides sequencing between LDO1 and LDO2 for BBP/MAC and I/O supply voltage outputs. LDO3 features ultra low noise that does not typically exceed 30µV RMS to aid VCO stability. High integration and the thin Quad Flat No-lead (QFN) package makes ISL6411 an ideal choice to power many of today’s small form factor industry standard wireless cards, such as PCMCIA, mini-PCI and Cardbus-32.



Features

• Small DC-DC Converter Size

- Three LDOs and RESET Circuitry in a Low-Profile 4x4mm QFN Package

• High Output Current

- LDO1, 1.8V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA

- LDO2, 2.84V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA

- LDO3, 2.84V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA

• Ultra-Low Dropout Voltage

- LDO2, 2.84V. . . . . . . . . . . . . . . 125mV (typ.) at 300mA

- LDO3, 2.84V. . . . . . . . . . . . . . . 100mV (typ.) at 200mA

• Ultra-Low Output Voltage Noise

- <30µVRMS (typ.) for LDO3 (VCO Supply)

• Stable with Smaller Ceramic Output Capacitors

• Voltage Sequencing for BBP/MAC and Analog Supplies

• Extensive Protection and Monitoring Features

- Over current protection

- Short circuit protection

- Thermal shutdown

- Reverse battery protection

- FAULT indicator

• Logic-Controlled Dual Shutdown Pins

• Integrated Microprocessor Reset Circuit

- Programmable Reset Delay

- Complimentary Reset Outputs

• Proven Reference Design for Total WLAN System Solution

• QFN Package Option

- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Product Outline

- Near Chip-Scale Package Footprint Improves PCB Efficiency and Is Thinner in Profile

- Lead-Free Package Option Available ("Z" suffix)



Applications

• PRISM® 3, PRISM GT™, and PRISM WWR Chipsets

• WLAN Cards

- PCMCIA, Cardbus32, MiniPCI Cards

- Compact Flash Cards

• Hand-Held Instruments




Similar Part No. - ISL6411

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6411 RENESAS-ISL6411 Datasheet
609Kb / 12P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
ISL6411IR RENESAS-ISL6411IR Datasheet
609Kb / 12P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
ISL6411IRZ RENESAS-ISL6411IRZ Datasheet
609Kb / 12P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
More results


Similar Description - ISL6411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6412 INTERSIL-ISL6412 Datasheet
182Kb / 10P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
January 2004
ISL6414 INTERSIL-ISL6414 Datasheet
368Kb / 12P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
August 2004
ISL6416 INTERSIL-ISL6416 Datasheet
160Kb / 3P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
November 3, 2004
ISL6412 INTERSIL-ISL6412_07 Datasheet
208Kb / 10P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
March 20, 2007
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
LDO Regulator with Reset
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6412 RENESAS-ISL6412 Datasheet
540Kb / 11P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6416 RENESAS-ISL6416 Datasheet
504Kb / 11P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 RENESAS-ISL6411 Datasheet
609Kb / 12P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com