Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6436 Datasheet (PDF) - Renesas Technology Corp

ISL6436 Datasheet PDF - Renesas Technology Corp
Part # ISL6436
Download  ISL6436 Download
File Size   796.94 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB Dual Port Power Supply Controller

ISL6436 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6436 Datasheet PDF - Renesas Technology Corp

Part # ISL6436
Download  ISL6436 Click to download

File Size   796.94 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB Dual Port Power Supply Controller

ISL6436 Datasheet (HTML) - Renesas Technology Corp


ISL6436 Product details

Features
• 80m Integrated Power N-channel MOSFET Switches
• Accurate Current Sensing and 1A Current Limiting
• 12ms Fault Delay to Latch-Off, No Thermal Dependency
• 2.5V to 5.5V Operating Range
• Disabled Output Internally Pulled Low
• Undervoltage Lockout
• Controlled Turn-on Ramp Time
• Channel Independent Fault Output Signals
• Compatible with 3.3V and 5V Logic Families
• Channel Independent Logic Level Enable High Inputs
(ISL6436H) or Enable Low Inputs (ISL6436L)
Applications
• USB Port Power Management
• Electronic Circuit Limiting and Breaker




Similar Part No. - ISL6436

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
ISL6436EVAL1 INTERSIL-ISL6436EVAL1 Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
ISL6436HIB INTERSIL-ISL6436HIB Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
ISL6436HIB-T INTERSIL-ISL6436HIB-T Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
ISL6436LIB INTERSIL-ISL6436LIB Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
More results


Similar Description - ISL6436

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
Dual USB Port Power Supply Controller
October 22, 2010
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
June 27, 2011
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
USB Port Power Supply Controller
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
USB Dual Port Power Supply Controller
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
Dual USB Port Power Supply Controller
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
USB Port Power Supply Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com