Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6436LIB Datasheet (PDF) - Intersil Corporation

ISL6436LIB Datasheet PDF - Intersil Corporation
Part # ISL6436LIB
Download  ISL6436LIB Download
File Size   902.71 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description USB Dual Port Power Supply Controller

ISL6436LIB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6436LIB Datasheet PDF - Intersil Corporation

Part # ISL6436LIB
Download  ISL6436LIB Click to download

File Size   902.71 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description USB Dual Port Power Supply Controller

ISL6436LIB Datasheet (HTML) - Intersil Corporation


ISL6436LIB Product details

USB Dual Port Power Supply Controller

The ISL6436 is a USB dual port power controller, fully independent overcurrent (OC) fault protection IC. Operational over the +2.5V to +5.5V range, this device features internal current monitoring, accurate current limiting, integrated power switches and current limited delay to latch-off for system protection.

Features
• 80mΩ Integrated Power N-channel MOSFET Switches
• Accurate Current Sensing and 1A Current Limiting
• 12ms Fault Delay to Latch-Off, No Thermal Dependency
• 2.5V to 5.5V Operating Range
• Disabled Output Internally Pulled Low
• Undervoltage Lockout
• Controlled Turn-on Ramp Time
• Channel Independent Fault Output Signals
• Compatible with 3.3V and 5V Logic Families
• Channel Independent Logic Level Enable High Inputs (ISL6436H) or Enable Low Inputs (ISL6436L)

Applications
• USB Port Power Management
• Electronic Circuit Limiting and Breaker




Similar Part No. - ISL6436LIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6436LIB RENESAS-ISL6436LIB Datasheet
796Kb / 13P
USB Dual Port Power Supply Controller
Aug 10, 2001
ISL6436LIB-T RENESAS-ISL6436LIB-T Datasheet
796Kb / 13P
USB Dual Port Power Supply Controller
Aug 10, 2001
More results


Similar Description - ISL6436LIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
Dual USB Port Power Supply Controller
October 22, 2010
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
June 27, 2011
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
USB Port Power Supply Controller
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
USB Dual Port Power Supply Controller
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
Dual USB Port Power Supply Controller
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
USB Dual Port Power Supply Controller
Aug 10, 2001
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com