Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1423A Datasheet (PDF) - Belden Inc.

1423A Datasheet PDF - Belden Inc.
Part # 1423A
Download  1423A Download
File Size   162.22 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-6pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω

1423A Datasheet (PDF)

Go To PDF Page Download Datasheet
1423A Datasheet PDF - Belden Inc.

Part # 1423A
Download  1423A Click to download

File Size   162.22 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-6pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω

1423A Datasheet (HTML) - Belden Inc.


1423A Product details

Product Description
Computer EIA RS-232/422 Cable, 6-Pair, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, overall Beldfoil® shield (100% coverage),
24 AWG stranded tinned copper drain wire, PVC jacket.




Similar Part No. - 1423A

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1423 IET-1423 Datasheet
236Kb / 1P
Precision Decade Capacitor
Dec. 2021
1423-9801 IET-1423-9801 Datasheet
236Kb / 1P
Precision Decade Capacitor
Dec. 2021
1423-9811 IET-1423-9811 Datasheet
236Kb / 1P
Precision Decade Capacitor
Dec. 2021
logo
Amphenol RF.
142300 RF-142300 Datasheet
54Kb / 1P
SMB T ADAPTOR JACK-PLUG-JACK
logo
TE Connectivity Ltd
1423008-8 TEC-1423008-8 Datasheet
1Mb / 4P
Meets requirements of UL Class F construction
More results


Similar Description - 1423A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1421A BELDEN-1421A Datasheet
202Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
1424A BELDEN-1424A Datasheet
163Kb / 2P
RS232/422 Low Cap, #24-12.5pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
1425A BELDEN-1425A Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-15pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
8106 BELDEN-8106 Datasheet
204Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
9682 BELDEN-9682 Datasheet
161Kb / 2P
RS232/422 Low Cap, #24-6pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9730 BELDEN-9730 Datasheet
198Kb / 2P
RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9731 BELDEN-9731 Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-6pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9735 BELDEN-9735 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-15pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9839 BELDEN-9839 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-6pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
1419A BELDEN-1419A Datasheet
194Kb / 2P
RS232/422 Low Cap, #24-2pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com