Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8106 Datasheet (PDF) - Belden Inc.

8106 Datasheet PDF - Belden Inc.
Part # 8106
Download  8106 Download
File Size   204.28 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-6pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω

8106 Datasheet (PDF)

Go To PDF Page Download Datasheet
8106 Datasheet PDF - Belden Inc.

Part # 8106
Download  8106 Click to download

File Size   204.28 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-6pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω

8106 Datasheet (HTML) - Belden Inc.


8106 Product details

Product Description
Computer EIA RS-232/422 Cable, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, twisted pairs, overall Beldfoil® (100% coverage) +
tinned copper braid shield (65% coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.




Similar Part No. - 8106

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8106 SONARDYNE-8106 Datasheet
161Kb / 2P
Tsunami Detection System
logo
Winchester Electronics ...
8106 WINCHESTER-8106 Datasheet
393Kb / 1P
MARC REMOVABLE PIN SOCKET CONTACTS
logo
List of Unclassifed Man...
8106 ETC2-8106 Datasheet
365Kb / 2P
Low Capacitance for EIA RS-232 and EIA RS-422 Applications
logo
Keystone Electronics Co...
8106 KEYSTONE-8106 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Videk Ltd
8106 VIDEK-8106 Datasheet
206Kb / 2P
Gender Changers & Port Savers Low Profile Gender Changers
More results


Similar Description - 8106

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1423A BELDEN-1423A Datasheet
162Kb / 2P
RS232/422 Low Cap, #24-6pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
8102 BELDEN-8102 Datasheet
195Kb / 2P
RS232/422 Low Cap, #24-2pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8110 BELDEN-8110 Datasheet
168Kb / 2P
RS232/422 Low Cap, #24-10pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8115 BELDEN-8115 Datasheet
217Kb / 2P
RS232/422 Low Cap, #24-15pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
05-05-2023
8118 BELDEN-8118 Datasheet
171Kb / 2P
RS232/422 Low Cap, #24-18pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8125 BELDEN-8125 Datasheet
156Kb / 2P
RS232/422 Low Cap, #24-25pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8166 BELDEN-8166 Datasheet
207Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8170 BELDEN-8170 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-10pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
9682 BELDEN-9682 Datasheet
161Kb / 2P
RS232/422 Low Cap, #24-6pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9839 BELDEN-9839 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-6pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com