Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8166 Datasheet (PDF) - Belden Inc.

8166 Datasheet PDF - Belden Inc.
Part # 8166
Download  8166 Download
File Size   207.75 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω

8166 Datasheet (PDF)

Go To PDF Page Download Datasheet
8166 Datasheet PDF - Belden Inc.

Part # 8166
Download  8166 Click to download

File Size   207.75 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω

8166 Datasheet (HTML) - Belden Inc.


8166 Product details

Product Description
Computer EIA RS-232/422, Digital Audio Cable, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, 6 twisted pairs individually Beldfoil®
shielded + overall 100% Beldfoil® + tinned copper braid shield (65% coverage), drain wire, PVC jacket.




Similar Part No. - 8166

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
8166 MICRONETICS-8166 Datasheet
56Kb / 2P
CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
Keystone Electronics Co...
8166 KEYSTONE-8166 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
DFB Laser Fabry-Perot Lasers
logo
TE Connectivity Ltd
81665-4 TEC-81665-4 Datasheet
1Mb / 4P
Micro-MaTch | Micro-MaTch Industrial
08/27/2021 05:53AM
logo
Festo Corporation.
8166611 FESTO-8166611 Datasheet
123Kb / 2P
Solenoid valve
More results


Similar Description - 8166

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8106 BELDEN-8106 Datasheet
204Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8162 BELDEN-8162 Datasheet
199Kb / 2P
RS232/422 Low Cap, #24-2pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8167 BELDEN-8167 Datasheet
147Kb / 2P
RS232/422 Low Cap, #24-7pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
8164 BELDEN-8164 Datasheet
206Kb / 2P
RS232/422 Low Cap, #24-4pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8165 BELDEN-8165 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-5pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM, 100Ω
05-05-2023
8168 BELDEN-8168 Datasheet
153Kb / 2P
RS232/422 Low Cap, #24-8pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM, 100Ω
01-20-2023
8170 BELDEN-8170 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-10pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8175 BELDEN-8175 Datasheet
169Kb / 2P
RS232/422 Low Cap, #24-15pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
8178 BELDEN-8178 Datasheet
168Kb / 2P
RS232/422 Low Cap, #24-18pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
8185 BELDEN-8185 Datasheet
151Kb / 2P
RS232/422 Low Cap, #24-25pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com