Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8110 Datasheet (PDF) - Belden Inc.

8110 Datasheet PDF - Belden Inc.
Part # 8110
Download  8110 Download
File Size   168.0 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-10pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω

8110 Datasheet (PDF)

Go To PDF Page Download Datasheet
8110 Datasheet PDF - Belden Inc.

Part # 8110
Download  8110 Click to download

File Size   168.0 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-10pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω

8110 Datasheet (HTML) - Belden Inc.


8110 Product details

Product Description
Computer EIA RS-232/422 Cable, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, twisted pairs, overall Beldfoil® (100% coverage) +
tinned copper braid shield (65% coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.




Similar Part No. - 8110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8110 ETC2-8110 Datasheet
365Kb / 2P
Low Capacitance for EIA RS-232 and EIA RS-422 Applications
logo
Heyco.
8110 HEYCO-8110 Datasheet
187Kb / 1P
Ring and Spade Terminals
logo
Christian Bürkert GmbH ...
8110 BURKERT-8110 Datasheet
702Kb / 11P
Vibrating level switch
18.12.2023
logo
Keystone Electronics Co...
8110 KEYSTONE-8110 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
List of Unclassifed Man...
8110-11-202 ETC1-8110-11-202 Datasheet
86Kb / 1P
.079 (2mm) Dual Row Through Hole Vertical Headers
More results


Similar Description - 8110

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8102 BELDEN-8102 Datasheet
195Kb / 2P
RS232/422 Low Cap, #24-2pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8106 BELDEN-8106 Datasheet
204Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8115 BELDEN-8115 Datasheet
217Kb / 2P
RS232/422 Low Cap, #24-15pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
05-05-2023
8118 BELDEN-8118 Datasheet
171Kb / 2P
RS232/422 Low Cap, #24-18pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8125 BELDEN-8125 Datasheet
156Kb / 2P
RS232/422 Low Cap, #24-25pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8170 BELDEN-8170 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-10pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8340 BELDEN-8340 Datasheet
165Kb / 2P
RS232, Low Cap, #24-10pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
9835 BELDEN-9835 Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-10pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
8112 BELDEN-8112 Datasheet
219Kb / 2P
RS-232/422 Low Cap, #24-12.5pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8110NH BELDEN-8110NH Datasheet
168Kb / 3P
RS232/422 Low Cap, #24-10pr, FPO, O/A FoilBraid, LSZH Jkt, Dca, 100Ω
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com