Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL15100 Datasheet (PDF) - Renesas Technology Corp

ISL15100 Datasheet PDF - Renesas Technology Corp
Part # ISL15100
Download  ISL15100 Download
File Size   903.31 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Port, PLC Differential Line Driver

ISL15100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL15100 Datasheet PDF - Renesas Technology Corp

Part # ISL15100
Download  ISL15100 Click to download

File Size   903.31 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Port, PLC Differential Line Driver

ISL15100 Datasheet (HTML) - Renesas Technology Corp


ISL15100 Product details

Features
• Single differential driver
• Internal VCM
• 90MHz signal bandwidth
• 900V/μs slew rate
• Single +8V to +28V supply, absolute maximum 30V
• Supports narrowband and broadband DMT PLC
• -86dB THD at 200kHz in to 50Ω line load
• -70dB THD at 3MHz in to 50Ω line load
• Control pin for enable/disable for TDM operation
• Thermal shutdown
Applications
• Power line communication differential driver




Similar Part No. - ISL15100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL15100 INTERSIL-ISL15100 Datasheet
313Kb / 9P
Single Port, PLC Differential Line Driver
September 19, 2013
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100 RENESAS-ISL15100 Datasheet
820Kb / 16P
Single Port, PLC Differential Line Driver
Dec 8, 2017
ISL15100 RENESAS-ISL15100 Datasheet
1Mb / 17P
Single Port, PLC Differential Line Driver
Jun 13, 2024
logo
Intersil Corporation
ISL15100EVAL1Z INTERSIL-ISL15100EVAL1Z Datasheet
313Kb / 9P
Single Port, PLC Differential Line Driver
September 19, 2013
More results


Similar Description - ISL15100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Intersil Corporation
ISL15110 INTERSIL-ISL15110 Datasheet
141Kb / 2P
PLC MIMO Line Driver
January 31, 2013
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL15100 INTERSIL-ISL15100 Datasheet
313Kb / 9P
Single Port, PLC Differential Line Driver
September 19, 2013
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
Differential Broadband PLC Line Driver Amplifier
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
Single Port, PLC Differential Line Driver
September 19, 2013
ISL15102A RENESAS-ISL15102A Datasheet
820Kb / 16P
Single Port, PLC Differential Line Driver
Dec 8, 2017
ISL15110 RENESAS-ISL15110 Datasheet
1Mb / 17P
PLC MIMO Line Driver
Apr 6, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com