Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL15100 Datasheet (PDF) - Intersil Corporation

ISL15100 Datasheet PDF - Intersil Corporation
Part # ISL15100
Download  ISL15100 Download
File Size   313.3 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Port, PLC Differential Line Driver

ISL15100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL15100 Datasheet PDF - Intersil Corporation

Part # ISL15100
Download  ISL15100 Click to download

File Size   313.3 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Port, PLC Differential Line Driver

ISL15100 Datasheet (HTML) - Intersil Corporation


ISL15100 Product details

The ISL15100 is a single port differential line driver developed
for Power Line Communication (PLC) applications. The device
is designed to drive heavy line loads while maintaining the
high level of linearity required in OFDM PLC modem links. With
15.5dBm of total transmit signal power into 100Ω line load,
the driver achieves -43dB average MTPR distortion across the
output spectrum up to 86MHz.
The ISL15100 has two bias current control pins (C0, C1) to
allow for four power settings (disable, low, medium, high). In
disable mode, the line driver outputs maintain a high
impedance in the presence of high receive signal amplitude,
so it doesn’t affect TDM receive signal integrity.
The ISL15100 is available in the thermally-enhanced 16 Ld
QFN and is specified for operation over the full -40°C to +85°C
ambient temperature range.

Features
• Single differential driver
• 100MHz Broadband PLC G.hn, EOC, HomePlug AV2
• Control pins for enable/disable and supply current selection
• High output impedance when disabled for TDM operation
• -43dBc average MTPR distortion at full line power
• Single +12V or bipolar ±6V nominal supplies
• High surge current handling capability

Applications
• Power Line Communication differential driver
• Pin compatible upgrade to ISL1571IRZ




Similar Part No. - ISL15100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100 RENESAS-ISL15100 Datasheet
903Kb / 16P
Single Port, PLC Differential Line Driver
May 3, 2018
ISL15100 RENESAS-ISL15100 Datasheet
820Kb / 16P
Single Port, PLC Differential Line Driver
Dec 8, 2017
ISL15100 RENESAS-ISL15100 Datasheet
1Mb / 17P
Single Port, PLC Differential Line Driver
Jun 13, 2024
ISL15100EVAL1Z RENESAS-ISL15100EVAL1Z Datasheet
597Kb / 9P
Single Port, PLC Differential Line Driver
September 19, 2013
More results


Similar Description - ISL15100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Intersil Corporation
ISL15110 INTERSIL-ISL15110 Datasheet
141Kb / 2P
PLC MIMO Line Driver
January 31, 2013
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
Differential Broadband PLC Line Driver Amplifier
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
Single Port, PLC Differential Line Driver
September 19, 2013
ISL15102 RENESAS-ISL15102 Datasheet
903Kb / 16P
Single Port, PLC Differential Line Driver
May 3, 2018
ISL15102A RENESAS-ISL15102A Datasheet
820Kb / 16P
Single Port, PLC Differential Line Driver
Dec 8, 2017
ISL15110 RENESAS-ISL15110 Datasheet
1Mb / 17P
PLC MIMO Line Driver
Apr 6, 2018
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com