Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL23345 Datasheet (PDF) - Renesas Technology Corp

ISL23345 Datasheet PDF - Renesas Technology Corp
Part # ISL23345
Download  ISL23345 Download
File Size   1196.85 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)

ISL23345 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL23345 Datasheet PDF - Renesas Technology Corp

Part # ISL23345
Download  ISL23345 Click to download

File Size   1196.85 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)

ISL23345 Datasheet (HTML) - Renesas Technology Corp


ISL23345 Product details

Features
• Four potentiometers per package
• 256 resistor taps
• 10k 50kor 100k total resistance
• I2C serial interface
- No additional level translator for low bus supply
- Three address pins allow up to eight devices per bus
• Maximum supply current without serial bus activity
(standby)
- 5μA @ VCC and VLOGIC = 5V
- 2μA @ VCC and VLOGIC = 1.7V
• Shutdown Mode
- Forces the DCP into an end-to-end open circuit and RWi is
connected to RLi internally
- Reduces power consumption by disconnecting the DCP
resistor from the circuit
• Power supply
- VCC = 1.7V to 5.5V analog power supply
- VLOGIC = 1.2V to 5.5V I2C bus/logic power supply
• Wiper resistance: 70 typical @ VCC = 3.3V
• Power-on preset to mid-scale (128 tap position)
• Extended industrial temperature range: -40°C to +125°C
• 20 Ld TSSOP or 20 QFN packages
• Pb-free (RoHS compliant)




Similar Part No. - ISL23345

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23345 INTERSIL-ISL23345 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL23345 INTERSIL-ISL23345 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
ISL23345TFRZ INTERSIL-ISL23345TFRZ Datasheet
881Kb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23345TFVZ INTERSIL-ISL23345TFVZ Datasheet
881Kb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
More results


Similar Description - ISL23345

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 20, 2011
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23448 RENESAS-ISL23448 Datasheet
1Mb / 21P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com