Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL23448 Datasheet (PDF) - Renesas Technology Corp

ISL23448 Datasheet PDF - Renesas Technology Corp
Part # ISL23448
Download  ISL23448 Download
File Size   1177.29 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)

ISL23448 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL23448 Datasheet PDF - Renesas Technology Corp

Part # ISL23448
Download  ISL23448 Click to download

File Size   1177.29 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)

ISL23448 Datasheet (HTML) - Renesas Technology Corp


ISL23448 Product details

Features
• Four potentiometers per package
• 128 resistor taps
• 10kΩ 50kΩor 100kΩ total resistance
• SPI serial interface
- No additional level translator for low bus supply
- Daisy Chaining of multiple DCPs
• Power supply
- VCC = 1.7V to 5.5V analog power supply
- VLOGIC = 1.2V to 5.5V SPI bus/logic power supply
• Maximum supply current without serial bus activity
(standby)
- 5μA @ VCC and VLOGIC = 5V
- 2μA @ VCC and VLOGIC = 1.7V
• Shutdown Mode
- Forces the DCP into an end-to-end open circuit and RWi is
connected to RLi internally
- Reduces power consumption by disconnecting the DCP
resistor from the circuit
• Wiper resistance: 70Ω typical @ VCC = 3.3V
• Power-on preset to mid-scale (64 tap position)
• Extended industrial temperature range: -40°C to +125°C
• 20 Ld TSSOP or 20 Ld QFN packages
• Pb-free (RoHS compliant)




Similar Part No. - ISL23448

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL23448 INTERSIL-ISL23448 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
ISL23448TFRZ INTERSIL-ISL23448TFRZ Datasheet
754Kb / 21P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448TFVZ INTERSIL-ISL23448TFVZ Datasheet
754Kb / 21P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Similar Description - ISL23448

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com