Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6622B Datasheet (PDF) - Renesas Technology Corp

ISL6622B Datasheet PDF - Renesas Technology Corp
Part # ISL6622B
Download  ISL6622B Download
File Size   657.46 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers

ISL6622B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6622B Datasheet PDF - Renesas Technology Corp

Part # ISL6622B
Download  ISL6622B Click to download

File Size   657.46 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers

ISL6622B Datasheet (HTML) - Renesas Technology Corp


ISL6622B Product details

Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Advanced Adaptive Zero Shoot-Through Protection
• Integrated LDO with Selectable Lower Gate Drive Voltage
for Light Load Efficiency Optimization
• 36V Internal Bootstrap Diode
• Advanced PWM Protocol (Patent Pending) to Support PSI
Operation
• Diode Emulation for Enhanced Light Load Efficiency
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency
- 3A Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• Integrated UGATE-to-PHASE Resistor for Increased
Upper MOSFET Input Bus High dV/dt Immunity
• Pre-POR Overvoltage Protection at Start-Up and
Shutdown
• Dual Flat No-Lead (DFN) Package
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile
- Bottom Copper Pad for Enhanced Heat Sinking
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6622B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622B INTERSIL-ISL6622B Datasheet
1Mb / 44P
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
January 3, 2011
ISL6622B INTERSIL-ISL6622B Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
ISL6622BCBZ INTERSIL-ISL6622BCBZ Datasheet
259Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
More results


Similar Description - ISL6622B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
October 30, 2008
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
223Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com