Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6622B Datasheet (PDF) - Intersil Corporation

ISL6622B Datasheet PDF - Intersil Corporation
Part # ISL6622B
Download  ISL6622B Download
File Size   259.73 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers

ISL6622B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6622B Datasheet PDF - Intersil Corporation

Part # ISL6622B
Download  ISL6622B Click to download

File Size   259.73 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers

ISL6622B Datasheet (HTML) - Intersil Corporation


ISL6622B Product details

VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features



The ISL6334B, ISL6334C control microprocessor core voltage regulation by driving up to 4 interleaved synchronous-rectified buck channels in parallel. This multiphase architecture results in multiplying channel ripple frequency and reducing input and output ripple currents. Lower ripple results in fewer components, lower cost, reduced power dissipation, and smaller implementation area.

Microprocessor loads can generate load transients with extremely fast edge rates and require high efficiency at light load. The ISL6334B, ISL6334C utilizes Intersil’s proprietary Active Pulse Positioning (APP), Adaptive Phase Alignment (APA) modulation scheme, active phase adding and

dropping to achieve and maintain the extremely fast transient response with fewer output capacitors and high efficiency from light to full load.



Features

• Intel VR11.1 Compliant

• H_CPURST_N Input to Eliminate Required Extensive External Circuitry for Proper PSI# Operation of Intel’s Eaglelake Chipset Platforms

• Proprietary Active Pulse Positioning (APP) and Adaptive Phase Alignment (APA) Modulation Scheme

• Proprietary Active Phase Adding and Dropping with Diode Emulation Scheme For Enhanced Light Load Efficiency

• Precision Multiphase Core Voltage Regulation

- Differential Remote Voltage Sensing

- ±0.5% Closed-loop System Accuracy Over Load, Line and Temperature

- Bi-directional, Adjustable Reference-Voltage Offset

• Precision Resistoror DCR Differential Current Sensing

- Accurate Load-Line (Droop) Programming

- Accurate Channel-Current Balancing

- Accurate Load Current Monitoring via IMON Pin

• Microprocessor Voltage Identification Input

- Dynamic VID™ Technology for VR11.1 Requirement

- 8-Bit VID, VR11 Compatible

• Average Overcurrent Protection and Channel Current Limit

• Precision Overcurrent Protection on IMON Pin

• Thermal Monitoring and Overvoltage Protection

• Integrated Programmable Temperature Compensation

• Integrated Open Sense Line Protection

• 1 to 4-Phase Operation, Coupled Inductor Compatibility

• Adjustable Switching Frequency up to 1MHz Per Phase

• Package Option

- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Product Outline

• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6622B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6622B INTERSIL-ISL6622B Datasheet
1Mb / 44P
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
January 3, 2011
ISL6622B INTERSIL-ISL6622B Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
logo
Renesas Technology Corp
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622BCBZ RENESAS-ISL6622BCBZ Datasheet
657Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
More results


Similar Description - ISL6622B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
October 30, 2008
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
223Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com