Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2USB3UX-T Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD2USB3UX-T Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD2USB3UX-T
Download  PESD2USB3UX-T Download
File Size   270.67 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Automotive infotainment ESD protection diode

PESD2USB3UX-T Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD2USB3UX-T Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD2USB3UX-T
Download  PESD2USB3UX-T Click to download

File Size   270.67 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Automotive infotainment ESD protection diode

PESD2USB3UX-T Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD2USB3UX-T Product details

1. General description
Automotive ESD protection device in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD)
plastic package designed to protect two automotive In-vehicle network bus lines from the damage
caused by ElectroStatic discharge (ESD) and other transients. This product protects especially
multimedia applications such as USB, HDMI and others.

2. Features and benefits
• Reverse stand-off voltage: VRWM = 3.3 V
• Low clamping voltage: VCL= 3.3 V at IPP = 8 A
• ESD protection up to 8 kV (IEC 61000-4-2)
• Ultra low capacitance: Cd = 0.56 pF
• ESD protection up to 8 kV (ISO 10605; C = 150 pF; R = 330 Ω)
• High temperature capability: Tj = 175 °C
• Qualified according to AEC-Q101 / Automotive grade

3. Applications
ESD protection for In-vehicle network lines in automotive environments
• Infotainment applications USB2.0, HDMI, DisplayPort, eSATA and LVDS
• Automotive A/V monitors, display and cameras
• SerDes: GMSL, FPD-Link, LVDS




Similar Part No. - PESD2USB3UX-T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD2USB3UX-T NEXPERIA-PESD2USB3UX-T Datasheet
1Mb / 2P
TrEOS ESD protection for Automotive Infotainment & SerDes
April 2021
More results


Similar Description - PESD2USB3UX-T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
Nexperia B.V. All right...
PESD2USB3UV-T NEXPERIA-PESD2USB3UV-T Datasheet
273Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
PESD2USB5UV-T NEXPERIA-PESD2USB5UV-T Datasheet
274Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
PESD2USB5UX-T NEXPERIA-PESD2USB5UX-T Datasheet
271Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com