Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3V3L1UB Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3L1UB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3L1UB
Download  PESD3V3L1UB Download
File Size   235.97 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional ESD protection diode

PESD3V3L1UB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3L1UB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3L1UB
Download  PESD3V3L1UB Click to download

File Size   235.97 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional ESD protection diode

PESD3V3L1UB Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3L1UB Product details

1. General description
Low capacitance unidirectional ElectroStatic Discharge (ESD) protection diode in an ultra small and
flat lead SOD523 (SC-79) Surface-Mounted Device (SMD) plastic packages designed to protect
one signal line from the damage caused by ESD and other transients.

2. Features and benefits
• Unidirectional ESD protection of one line
• Low diode capacitance: Cd = 34 pF
• Low clamping voltage: VCL = 11 V
• Very low leakage current: IRM = 100 nA
• ESD protection up to 30 kV
• IEC 61000-4-2; level 4 (ESD)
• AEC-Q101 qualified

3. Application information
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Communication systems
• SIM card protection
• Portable electronics
• High-speed data lines




Similar Part No. - PESD3V3L1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L1UB NXP-PESD3V3L1UB Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UB PHILIPS-PESD3V3L1UB Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD3V3L1UB NEXPERIA-PESD3V3L1UB Datasheet
553Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01 - 17 June 2009
logo
Guangdong Youtai Semico...
PESD3V3L1UB UMW-PESD3V3L1UB Datasheet
389Kb / 4P
Unidirectional ESD protection of one line
More results


Similar Description - PESD3V3L1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L1USF PHILIPS-PESD5V0L1USF_15 Datasheet
256Kb / 13P
Low capacitance unidirectional ESD protection diode
Rev. 1-12 July 2012
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
PESD5V0L1ULD PHILIPS-PESD5V0L1ULD Datasheet
265Kb / 12P
Low capacitance unidirectional ESD protection diode
Rev. 1-19 April 2011
logo
Nexperia B.V. All right...
PESD5V0L1USF NEXPERIA-PESD5V0L1USF Datasheet
373Kb / 14P
Low capacitance unidirectional ESD protection diode
PESD5Z3.3-Q NEXPERIA-PESD5Z3.3-Q Datasheet
210Kb / 12P
Low capacitance unidirectional ESD protection diode
25 November 2022
PESD5Z5.0-Q NEXPERIA-PESD5Z5.0-Q Datasheet
211Kb / 12P
Low capacitance unidirectional ESD protection diode
25 November 2022
PESD5V0L1UA-Q NEXPERIA-PESD5V0L1UA-Q Datasheet
252Kb / 11P
Low capacitance unidirectional ESD protection diode
13 June 2022
PESD5V0L1ULD-Q NEXPERIA-PESD5V0L1ULD-Q Datasheet
256Kb / 11P
Low capacitance unidirectional ESD protection diode
18 August 2022
PESD5V0L1ULD NEXPERIA-PESD5V0L1ULD Datasheet
255Kb / 11P
Low capacitance unidirectional ESD protection diode
14 April 2023
PESD5V0L2UU-Q NEXPERIA-PESD5V0L2UU-Q Datasheet
239Kb / 12P
Low capacitance unidirectional ESD protection diode
6 June 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com