Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3V3L1UB Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3L1UB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3L1UB
Download  PESD3V3L1UB Download
File Size   553.47 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional ESD protection diodes

PESD3V3L1UB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3L1UB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3L1UB
Download  PESD3V3L1UB Click to download

File Size   553.47 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional ESD protection diodes

PESD3V3L1UB Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3L1UB Product details

1.1 General description
Low capacitance unidirectional ElectroStatic Discharge (ESD) protection diodes in small
Surface-Mounted Device (SMD) plastic packages designed to protect one signal line from
the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
Table 1. Product overview
Type number Package Package configuration
Nexperia JEITA
PESD3V3L1UA SOD323 SC-76 very small
PESD3V3L1UB SOD523 SC-79 ultra small and flat lead
PESD3V3L1UL SOD882 - leadless ultra small
n Unidirectional ESD protection of
one line
n ESD protection up to 30 kV
n Low diode capacitance: Cd = 34 pF n IEC 61000-4-2; level 4 (ESD)
n Low clamping voltage: VCL = 11 V n AEC-Q101 qualified
n Very low leakage current: IRM = 100 nA
n Computers and peripherals n Subscriber Identity Module (SIM) card
protection
n Audio and video equipment n Portable electronics
n Cellular handsets and accessories n FireWire
n Communication systems n High-speed data lines




Similar Part No. - PESD3V3L1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L1UB NXP-PESD3V3L1UB Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UB PHILIPS-PESD3V3L1UB Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD3V3L1UB NEXPERIA-PESD3V3L1UB Datasheet
235Kb / 10P
Low capacitance unidirectional ESD protection diode
6 April 2021
logo
Guangdong Youtai Semico...
PESD3V3L1UB UMW-PESD3V3L1UB Datasheet
389Kb / 4P
Unidirectional ESD protection of one line
More results


Similar Description - PESD3V3L1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5ZX NXP-PESD5ZX Datasheet
142Kb / 17P
Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD5V0L1UB-Q NEXPERIA-PESD5V0L1UB-Q Datasheet
240Kb / 11P
Low capacitance unidirectional ESD protection diodes
10 June 2022
PESD5Z12 NEXPERIA-PESD5Z12 Datasheet
218Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z3.3 NEXPERIA-PESD5Z3.3 Datasheet
213Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z5.0 NEXPERIA-PESD5Z5.0 Datasheet
214Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z6.0 NEXPERIA-PESD5Z6.0 Datasheet
214Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com