Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

533105A Datasheet (PDF) - Belden Inc.

533105A Datasheet PDF - Belden Inc.
Part # 533105A
Download  533105A Download
File Size   140.9 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA, HDPE Jkt

533105A Datasheet (PDF)

Go To PDF Page Download Datasheet
533105A Datasheet PDF - Belden Inc.

Part # 533105A
Download  533105A Click to download

File Size   140.9 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA, HDPE Jkt

533105A Datasheet (HTML) - Belden Inc.


533105A Product details

Product Description
RS-485, 120 Ohm, 1 pair 22AWG (7x30) tinned copper Datalene® insulaton, Overall Foil + 65% Tinned Copper Braid, PVC Jacket, Steel Interlock Armor,
HDPE jacket




Similar Part No. - 533105A

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
533101B02551G AAVID-533101B02551G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
533102B02551G AAVID-533102B02551G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
Lapp.
53310444 LAPP-53310444 Datasheet
119Kb / 2P
SKINTOP® DIX-M AUTOMATION
08.11.2021
logo
Belden Inc.
533106A BELDEN-533106A Datasheet
138Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, SIA, HDPE Jkt
05-05-2023
More results


Similar Description - 533105A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
129841 BELDEN-129841 Datasheet
179Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
189841 BELDEN-189841 Datasheet
173Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, CCA Armor, PVC Jkt,CM
05-05-2023
323106A BELDEN-323106A Datasheet
213Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, AIA, CPE Jkt, CM, PLTC, Sun Res
05-05-2023
333109A BELDEN-333109A Datasheet
141Kb / 2P
RS485, 4 Pr #22 Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA Armor, CPE Jkt,CM, PLTC
05-05-2023
533106A BELDEN-533106A Datasheet
138Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, SIA, HDPE Jkt
05-05-2023
539841 BELDEN-539841 Datasheet
178Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA Armor, PE Jkt
05-05-2023
973105Z BELDEN-973105Z Datasheet
161Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, LSZH-TS Jkt, BBA,LSZH-TS Jkt, CMG, PLTC, Sun Res
05-05-2023
9841NH BELDEN-9841NH Datasheet
160Kb / 2P
RS-485, 1 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, Dca
03-04-2023
123106A BELDEN-123106A Datasheet
155Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, AIA, PVC Jkt, CM, PLTC, Sun Res
05-05-2023
153105A BELDEN-153105A Datasheet
141Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, PVC Jkt, CST, PVC Jkt,CMG, PLTC, Sun Res
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com