Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

153105A Datasheet (PDF) - Belden Inc.

153105A Datasheet PDF - Belden Inc.
Part # 153105A
Download  153105A Download
File Size   141.3 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, PVC Jkt, CST, PVC Jkt,CMG, PLTC, Sun Res

153105A Datasheet (PDF)

Go To PDF Page Download Datasheet
153105A Datasheet PDF - Belden Inc.

Part # 153105A
Download  153105A Click to download

File Size   141.3 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, PVC Jkt, CST, PVC Jkt,CMG, PLTC, Sun Res

153105A Datasheet (HTML) - Belden Inc.


153105A Product details

Product Description
RS-485, 120 Ohm, 1 pair 22AWG (7x30) tinned copper Datalene® insulaton, Overall Foil + 65% Tinned Copper Braid, PVC Jacket, Corrugated Steel Tape,
PVC jacket, CMG, PLTC, SUN RES




Similar Part No. - 153105A

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1531050000 WEIDMULLER-1531050000 Datasheet
658Kb / 7P
BL 3.50/08/180LR SN OR BX
More results


Similar Description - 153105A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3105DB BELDEN-3105DB Datasheet
226Kb / 3P
RS-485 UL DIR BUR, 1 Pr, 22AWG, Str, TC, PO Ins, OSTC Brd, CPE Jkt, CM, PLTC, Outdoor, Sun Res, Oil Res
1334A BELDEN-1334A Datasheet
255Kb / 3P
Fieldbus, 1 Pr #18 Str TC, PO Ins, OSTC Brd, PVC Jkt, CMG
159842 BELDEN-159842 Datasheet
199Kb / 2P
RS485, 2 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, CST Armor, PVC Jkt,CM
05-05-2023
189841 BELDEN-189841 Datasheet
173Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, CCA Armor, PVC Jkt,CM
05-05-2023
323106A BELDEN-323106A Datasheet
213Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, AIA, CPE Jkt, CM, PLTC, Sun Res
05-05-2023
533105A BELDEN-533105A Datasheet
140Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA, HDPE Jkt
05-05-2023
533106A BELDEN-533106A Datasheet
138Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, SIA, HDPE Jkt
05-05-2023
973105Z BELDEN-973105Z Datasheet
161Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, LSZH-TS Jkt, BBA,LSZH-TS Jkt, CMG, PLTC, Sun Res
05-05-2023
123106A BELDEN-123106A Datasheet
155Kb / 2P
RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, AIA, PVC Jkt, CM, PLTC, Sun Res
05-05-2023
183107A BELDEN-183107A Datasheet
162Kb / 2P
RS485, 2 Pr #22 Str TC, PE Ins, OSTC Brd, PVC Jkt, CCA Armor, PVC Jkt,PLTC
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com