Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29124 Datasheet (PDF) - Renesas Technology Corp

ISL29124 Datasheet PDF - Renesas Technology Corp
Part # ISL29124
Download  ISL29124 Download
File Size   770.24 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter

ISL29124 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29124 Datasheet PDF - Renesas Technology Corp

Part # ISL29124
Download  ISL29124 Click to download

File Size   770.24 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter

ISL29124 Datasheet (HTML) - Renesas Technology Corp


ISL29124 Product details

Features
• 56μA operating current, 0.5μA shutdown current
• Selectable range (via I2C)
• I2C (SMBus compatible) output
• ADC resolution 16 bits
• Two optical sensitivity ranges
- Range 0 = 5.7 mlux to 375 lux
- Range 1 = 0.152 lux to 10,000 lux
• Operating power supply 2.25V to 3.63V
• I2C power supply 1.7V to 3.63V
• 4 Ld Optical COB (2.00x1.25mm) package
Applications
• Smart phone, PDA, GPS, tablet PCs, LCD-TVs, digital picture
frames, digital cameras
• Dynamic display color balancing
• Printer color enhancement
• Industrial/commercial LED lighting color management
• Ambient light color detection/correction
• OLED display aging compensation




Similar Part No. - ISL29124

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
More results


Similar Description - ISL29124

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29120 INTERSIL-ISL29120 Datasheet
343Kb / 8P
Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
May 29, 2012
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
November 20, 2013
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
Intersil Corporation
ISL29125IROZ-T7 INTERSIL-ISL29125IROZ-T7 Datasheet
410Kb / 17P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 24, 2014
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
Digital RGB, IR and Ambient Light Sensor
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
Digital RGB, IR and Ambient Light Sensor
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Intersil Corporation
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com