Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL32172E Datasheet (PDF) - Renesas Technology Corp

ISL32172E Datasheet PDF - Renesas Technology Corp
Part # ISL32172E
Download  ISL32172E Download
File Size   1512.84 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters

ISL32172E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL32172E Datasheet PDF - Renesas Technology Corp

Part # ISL32172E
Download  ISL32172E Click to download

File Size   1512.84 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters

ISL32172E Datasheet (HTML) - Renesas Technology Corp


ISL32172E Product details

Features
• IEC61000 ESD protection on RS-422 outputs . . . . ±16.5kV
- Class 3 ESD level on all other pins . . . . . . . . . . .12kV HBM
- High machine model ESD level on all pins . . . . . . . . . 700V
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
• Specified for +125°C operation
• Available in industry standard pinouts (ISL32172E,
ISL32272E, ISL32174E) or in a space saving QFN
(ISL32179E) with added features
• Logic supply pin (VL) eases operation in mixed supply
systems (ISL32179E only)
• User-selectable data rate (ISL32179E only)
• Hot plug Tx outputs remain tri-stated during power-up and
power-down
• Low Tx leakage allows > 256 devices on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . up to 32Mbps
• Low quiescent supply current. . . . . . . . . . 0.8mA (maximum)
- Low shutdown supply current. . . . . . . . . . . . . . . . . . . . 60μA
• Current limiting and thermal shutdown for driver overload
protection
• Tri-statable Tx outputs
• 5V tolerant logic inputs when VCC ≤ 5V
• Pb-free (RoHS compliant)
Applications
• Telecom equipment
• Motor controllers/encoders
• Programmable logic controllers




Similar Part No. - ISL32172E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32172E INTERSIL-ISL32172E Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL32172EFBZ INTERSIL-ISL32172EFBZ Datasheet
1Mb / 20P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32172EFVZ INTERSIL-ISL32172EFVZ Datasheet
1Mb / 20P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32172EIBZ INTERSIL-ISL32172EIBZ Datasheet
1Mb / 20P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
More results


Similar Description - ISL32172E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
November 19, 2009
logo
Maxim Integrated Produc...
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com