Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3040 Datasheet (PDF) - Maxim Integrated Products

MAX3040 Datasheet PDF - Maxim Integrated Products
Part # MAX3040
Download  MAX3040 Download
File Size   262.67 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters

MAX3040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3040 Datasheet PDF - Maxim Integrated Products

Part # MAX3040
Download  MAX3040 Click to download

File Size   262.67 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters

MAX3040 Datasheet (HTML) - Maxim Integrated Products


MAX3040 Product details

General Description
The MAX3040–MAX3045 is a family of 5V quad RS-485/RS-422 transmitters designed for digital data transmission over twisted-pair balanced lines. All transmitter outputs are protected to ±10kV using the Human Body Model.
   
Features
♦ ESD Protection: ±10kV—Human Body Model
♦ Single +5V Operation
♦ Guaranteed Device-to-Device Skew
    (MAX3040/MAX3041/MAX3043/MAX3044)
♦ Pin-Compatible with ‘SN75174, ‘26LS31C and
    LTC487
♦ Hot-Swappable for Telecom Applications
♦ Up to 20Mbps Data Rate (MAX3042B/MAX3045B)
♦ Slew-Rate Limited (Data Rates at 2.5Mbps and
    250kbps)
♦ 2nA Low-Power Shutdown Mode
♦ 1mA Operating Supply Current
♦ ±4kV EFT Fast Transient Burst Immunity per IEC
    1000-4-4
♦ Level 2 Surge Immunity per IEC 1000-4-5,
    Unshielded Cable Model
♦ Ultra-Small 16-Pin TSSOP, 16-Pin Narrow SO, and
    Wide 16-Pin SO
   
Applications
    Telecommunications Equipment
    Industrial Motor Control
    Transmitter for ESD-Sensitive Applications
    Hand-Held Equipment
    Industrial PLCs
    Networking
   




Similar Part No. - MAX3040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000 MAXIM-MAX3000 Datasheet
422Kb / 24P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 86P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection)
Rev 1, 9/17
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+ MAXIM-MAX30001CWV+ Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+T MAXIM-MAX30001CWV+T Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
More results


Similar Description - MAX3040

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
April 21, 2005
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com