Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3095 Datasheet (PDF) - Maxim Integrated Products

MAX3095 Datasheet PDF - Maxim Integrated Products
Part # MAX3095
Download  MAX3095 Download
File Size   163.37 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers

MAX3095 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3095 Datasheet PDF - Maxim Integrated Products

Part # MAX3095
Download  MAX3095 Click to download

File Size   163.37 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers

MAX3095 Datasheet (HTML) - Maxim Integrated Products


MAX3095 Product details

General Description
The MAX3095/MAX3096 are rugged, low-power, quad, RS-422/RS-485 receivers with electrostatic discharge (ESD) protection for use in harsh environments. All receiver inputs are protected to ±15kV using IEC 1000-4-2 Air-Gap Discharge, ±8kV using IEC 1000-4-2 Contact Discharge, and ±15kV using the Human Body Model. The MAX3095 operates from a +5V supply, while the MAX3096 operates from a +3.3V supply. Receiver propagation delays are guaranteed to within ±8ns of a predetermined value, thereby ensuring device-to-device matching across production lots.
Complementary enable inputs can be used to place the devices in a 1nA low-power shutdown mode in which the receiver outputs are high impedance. When active, these receivers have a fail-safe feature that guarantees a logic-high output if the input is open circuit. They also feature a quarter-unit-load input impedance that allows 128 receivers on a bus.
The MAX3095/MAX3096 are pin-compatible, low-power upgrades to the industry-standard ’26LS32. They are available in a space-saving QSOP package.

Features
♦ ESD Protection:
   ±15kV—IEC 1000-4-2, Air-Gap Discharge
   ±8kV—IEC 1000-4-2, Contact Discharge
   ±15kV—Human Body Model
♦ Guaranteed Propagation-Delay Tolerance Between All ICs:
   ±8ns (MAX3095)
   ±10ns (MAX3096)
♦ Single +3V Operation (MAX3096)
   Single +5V Operation (MAX3095)
♦ 16-Pin QSOP (8-pin SO footprint)
♦ 10Mbps Data Rate
♦ Allow up to 128 Receivers on the Bus
♦ 1nA Low-Power Shutdown Mode
♦ 2.4mA Operating Supply Current
♦ Pin-Compatible Upgrades to ’26LS32

Applications
   Telecommunications Equipment
   Rugged RS-422/RS-485/RS-423 Bus Receiver
   Receivers for ESD-Sensitive Applications
   Level Translators




Similar Part No. - MAX3095

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095 Datasheet
195Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095 Datasheet
198Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3095 MAXIM-MAX3095 Datasheet
1Mb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095CEE MAXIM-MAX3095CEE Datasheet
195Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095CEE+ MAXIM-MAX3095CEE+ Datasheet
198Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
More results


Similar Description - MAX3095

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
April 21, 2005
logo
Maxim Integrated Produc...
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com