Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL32743E Datasheet (PDF) - Renesas Technology Corp

ISL32743E Datasheet PDF - Renesas Technology Corp
Part # ISL32743E
Download  ISL32743E Download
File Size   818.54 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver

ISL32743E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL32743E Datasheet PDF - Renesas Technology Corp

Part # ISL32743E
Download  ISL32743E Click to download

File Size   818.54 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver

ISL32743E Datasheet (HTML) - Renesas Technology Corp


ISL32743E Product details

Features
• 40Mbps data rate
• 2.5kVRMS isolation/600VRMS working voltage
• 3.3V bus
• 20ns propagation delay
• 5ns pulse skew
• 1/5 unit load allows up to 160 devices on the bus
• 50kV/μs (typical), 30kV/μs (minimum)
common-mode transient immunity
• 16.5kV ESD protection
• Low EMC footprint
• Thermal shutdown protection
• Temperature range: -40°C to +85°C
• Meets or exceeds ANSI RS-485 and
ISO 8482:1987(E)
• True 8mm 16 Ld SOICW packages
• UL 1577 recognized
• VDE V 0884-11 pending
Related Literature
For a full list of related documents, visit our website
• ISL32743E product page




Similar Part No. - ISL32743E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
955Kb / 20P
6kV VDE-Reinforced Isolated 40Mbps Full-Duplex RS-485 Transceiver
Dec 1, 2017
More results


Similar Description - ISL32743E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
HALF-DUPLEX RS-485 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Renesas Technology Corp
ISL32740E RENESAS-ISL32740E Datasheet
881Kb / 20P
Isolated 40Mbps RS-485 PROFIBUS Transceiver
logo
Analog Devices
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
logo
Renesas Technology Corp
ISL32745E RENESAS-ISL32745E Datasheet
955Kb / 20P
6kV VDE-Reinforced Isolated 40Mbps Full-Duplex RS-485 Transceiver
Dec 1, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com