Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL32745E Datasheet (PDF) - Renesas Technology Corp

ISL32745E Datasheet PDF - Renesas Technology Corp
Part # ISL32745E
Download  ISL32745E Download
File Size   955.23 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6kV VDE-Reinforced Isolated 40Mbps Full-Duplex RS-485 Transceiver

ISL32745E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL32745E Datasheet PDF - Renesas Technology Corp

Part # ISL32745E
Download  ISL32745E Click to download

File Size   955.23 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6kV VDE-Reinforced Isolated 40Mbps Full-Duplex RS-485 Transceiver

ISL32745E Datasheet (HTML) - Renesas Technology Corp


ISL32745E Product details

Features
• 40Mbps data rate
• 6kVRMS isolation/1000VRMS working voltage
• 12.8kV surge immunity
• 1/5 unit load allows up to 160 devices on the bus
• 3V to 5V power supplies
• 20ns propagation delay
• 5ns pulse skew
• 50kV/μs common-mode transient immunity
• 10kV ESD protection
• Low EMC footprint
• Thermal shutdown protection
• -40°C to +85°C temperature range
• Meets or exceeds ANSI RS-485 and
ISO 8482:1987(E)
• 0.3” true 8mm 16 Ld SOICW package
• UL 1577 recognized
• VDE V 0884-11 (certification pending)
Related Literature
• For a full list of related documents, visit our website




Similar Part No. - ISL32745E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32745E RENESAS-ISL32745E Datasheet
818Kb / 19P
Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
More results


Similar Description - ISL32745E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
ISL32705E RENESAS-ISL32705E Datasheet
860Kb / 20P
Low-EMI Isolated Full-Duplex RS-485 Transceiver
ISL32740E RENESAS-ISL32740E Datasheet
881Kb / 20P
Isolated 40Mbps RS-485 PROFIBUS Transceiver
ISL32741E RENESAS-ISL32741E Datasheet
898Kb / 19P
PROFIBUS Compliant 6kV VDE-Reinforced Isolated RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com