Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL58125 Datasheet (PDF) - Renesas Technology Corp

ISL58125 Datasheet PDF - Renesas Technology Corp
Part # ISL58125
Download  ISL58125 Download
File Size   569.56 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Laser Diode Driver with APC Amplifier for Multi-Beam Printers

ISL58125 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL58125 Datasheet PDF - Renesas Technology Corp

Part # ISL58125
Download  ISL58125 Click to download

File Size   569.56 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Laser Diode Driver with APC Amplifier for Multi-Beam Printers

ISL58125 Datasheet (HTML) - Renesas Technology Corp


ISL58125 Product details

Features
• Voltage-controlled Output Current Source
• Very Few External Components Needed
• Internal LVDS Termination Resistors
• 300MHz Switching
• 110mA Output Current per channel
• Rise Time < 500ps
• Fall Time < 500ps
• APC Loop for Write Power Control
• Fast Settling APC Amplifier
• Single +5V Supply (±10%)
• Disable Feature for Power-Up Protection and
Conserving Power
• Zero Droop
• Pb-Free (RoHS compliant)




Similar Part No. - ISL58125

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58113 RENESAS-ISL58113 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
ISL58113CRZ-T13 RENESAS-ISL58113CRZ-T13 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
ISL58115 RENESAS-ISL58115 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
ISL58115CRZ-T13 RENESAS-ISL58115CRZ-T13 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
More results


Similar Description - ISL58125

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNC703PS PANASONIC-LNC703PS Datasheet
41Kb / 2P
Semiconductor Laser for LBPLaser Beam Printers
logo
Elantec Semiconductor
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6244C ELANTEC-EL6244C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6173 INTERSIL-EL6173 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 14, 2004
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
logo
Renesas Technology Corp
ISL58113 RENESAS-ISL58113 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
ISL58115 RENESAS-ISL58115 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com