Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL58214 Datasheet (PDF) - Renesas Technology Corp

ISL58214 Datasheet PDF - Renesas Technology Corp
Part # ISL58214
Download  ISL58214 Download
File Size   1237.83 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable High Speed Single Channel Laser Diode Driver

ISL58214 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL58214 Datasheet PDF - Renesas Technology Corp

Part # ISL58214
Download  ISL58214 Click to download

File Size   1237.83 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable High Speed Single Channel Laser Diode Driver

ISL58214 Datasheet (HTML) - Renesas Technology Corp


ISL58214 Product details

Features
• Direct drive for floating laser, or cathode grounded. Supports
Red, ‘Green’ or Blue laser
• Up to 1000mA maximum total output (ISRC) with 1.5ns
typical tr/tf
• Up to 500mA maximum total output (ISNK) with 1ns typical
tr/tf.
• 10-bit x 10-bit multiplying DAC output provides 10-bit full
scale adjustment and 10-bit resolution at any full scale
output
• ISLOPE input allows compensation for laser slope, ambient
light, and sweep speed variation
• High-speed SPI Serial input works up to 50MHz
• 10-bit video code capable of operating up to 100MHz pixel
data rate
• Integrated programmable HFM (High Frequency Modulation)
for laser stabilization and speckle reduction
• Pb-free (RoHS compliant)
Applications
• RGB laser based projector or pico projector
• Hand held projector
• General purpose laser diode driver
• General purpose high current driver/controller




Similar Part No. - ISL58214

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
ISL5827 INTERSIL-ISL5827 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL5827EVAL1 INTERSIL-ISL5827EVAL1 Datasheet
666Kb / 13P
Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
ISL5827IN INTERSIL-ISL5827IN Datasheet
666Kb / 13P
Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
More results


Similar Description - ISL58214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
Dual High Speed Laser Driver
1998 10
logo
Zarlink Semiconductor I...
ZL40518 ZARLINK-ZL40518 Datasheet
330Kb / 16P
3 Channel Laser Diode Driver
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Renesas Technology Corp
ISL78365 RENESAS-ISL78365 Datasheet
306Kb / 5P
Automotive High-Speed Quad Laser Diode Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com