Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9022 Datasheet (PDF) - Intersil Corporation

HIP9022 Datasheet PDF - Intersil Corporation
Part # HIP9022
Download  HIP9022 Download
File Size   98.98 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual High Speed Laser Driver

HIP9022 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP9022 Datasheet PDF - Intersil Corporation

Part # HIP9022
Download  HIP9022 Click to download

File Size   98.98 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual High Speed Laser Driver

HIP9022 Datasheet (HTML) - Intersil Corporation


HIP9022 Product details

Dual High Speed Laser Driver



The HIP9022 Dual High Speed Laser Driver is designed to operate with a constant current drain from the power supply. This current defines the laser operating power. The current is accurately controlled in the range of 0.5A to 2A to deliver constant optical power from the laser when used with an external Power FET and Power Sense resistor. The operating circuit allows flexibility in choosing driver current levels.



Features

• Dual High Speed Laser Driver with Data Rates up to 2.5MHz

• 0.5A to 2A Range of Constant Current Source Controlled to 0.1% Full Scale

• Low Signal Transients with Controlled Constant Current Switching

• Laser Optical Power Controlled to Better than 0.5%

• Thermoelectric Cooler (TEC) Circuit to Control Temperature to within 0.25oC

• Multiplexed Sample/Hold (S/H) Bus Interface

• Serial Diagnostic Bus with Multiplexed Output

• High Current ESD Diodes for Laser Diode Protection



Applications

• Dual Laser Printer Driver




Similar Part No. - HIP9022

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9020 INTERSIL-HIP9020 Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9020AB INTERSIL-HIP9020AB Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9020AP INTERSIL-HIP9020AP Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9021 INTERSIL-HIP9021 Datasheet
59Kb / 7P
Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
1996 08
HIP9021IB INTERSIL-HIP9021IB Datasheet
59Kb / 7P
Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
1996 08
More results


Similar Description - HIP9022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
DUAL HIGH-SPEED FET DRIVER
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
DUAL HIGH SPEED DRIVER
logo
Intersil Corporation
EL6207 INTERSIL-EL6207 Datasheet
93Kb / 7P
Dual Laser Driver Oscillator
October 10, 2002
logo
List of Unclassifed Man...
LDA1-CP1 ETC2-LDA1-CP1 Datasheet
49Kb / 5P
Dual Mode Laser Driver
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
DUAL HIGH SPEED DRIVER
logo
Renesas Technology Corp
ISL78365 RENESAS-ISL78365 Datasheet
306Kb / 5P
Automotive High-Speed Quad Laser Diode Driver
logo
Analog Technologies, In...
LDA1-CP1 ANALOGTECHNOLOGIES-LDA1-CP1 Datasheet
324Kb / 7P
Dual Mode Laser Driver
1/24/2022
logo
Renesas Technology Corp
ISL58214 RENESAS-ISL58214 Datasheet
1Mb / 24P
Programmable High Speed Single Channel Laser Diode Driver
April 14, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com