Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9020 Datasheet (PDF) - Intersil Corporation

HIP9020 Datasheet PDF - Intersil Corporation
Part # HIP9020
Download  HIP9020 Download
File Size   23.28 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable Quad Buffer with Pre and Post Scaler Dividers

HIP9020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP9020 Datasheet PDF - Intersil Corporation

Part # HIP9020
Download  HIP9020 Click to download

File Size   23.28 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable Quad Buffer with Pre and Post Scaler Dividers

HIP9020 Datasheet (HTML) - Intersil Corporation


HIP9020 Product details

Description
The HIP9020 is a Vehicle Speed Sensor (VSS) Buffer IC. It receives sinusoidal vehicle speed information from a speedometer signal source. The signal is amplified and squared before frequency processing is done. The circuit provides pin programmable integer prescaler and postscaler dividers to scale the output frequencies. The prescaler divider output of the frequency doubler is mode selected for 1 and 6 through 11. The postscaler mode is selected to the Output 3 with a divide by 1 or 2. The four VOX outputs are open collector drivers.

Features
• Sine Wave Speedometer Input
• Input Limiting . . . . . . . . . . . ±0.25V to ±100V (with 40kΩ)
• Over Voltage Protection
• Current Limiting
• Programmable Prescaler 1, 6 - 11
• Post Scaler Frequency Divide by 1 or 2
• Drivers with 15mA/24V Capability
• Outputs 4 Separate Square Waves
• Internal Regulator and Bias Source
• 0kHz to 6kHz Input Signal Range
• -40°C to +125°C Operating Temperature Range

Applications
• Prescaler
• Buffer/Limiter
• Signal Interface
• Automotive Speedometer
• Automotive Speed Control
• Automotive Tachometer




Similar Part No. - HIP9020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9021 INTERSIL-HIP9021 Datasheet
59Kb / 7P
Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
1996 08
HIP9021IB INTERSIL-HIP9021IB Datasheet
59Kb / 7P
Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
1996 08
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
Dual High Speed Laser Driver
1998 10
HIP9022AM INTERSIL-HIP9022AM Datasheet
98Kb / 10P
Dual High Speed Laser Driver
1998 10
More results


Similar Description - HIP9020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Analog Devices
AD9508 AD-AD9508 Datasheet
838Kb / 40P
1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
REV. A
logo
Intersil Corporation
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Texas Instruments
SN74LS292 TI1-SN74LS292_16 Datasheet
341Kb / 19P
Programmable Frequency Dividers
DS25BR440 TI1-DS25BR440_15 Datasheet
1Mb / 21P
3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Integrated Device Techn...
8P79818 IDT-8P79818 Datasheet
869Kb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
logo
Renesas Technology Corp
8P79818 RENESAS-8P79818 Datasheet
1Mb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
March 6, 2023
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com