Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9020 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP9020
Description  Programmable Quad Buffer with Pre and Post Scaler Dividers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9020 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP9020 Datasheet HTML 1Page - Intersil Corporation HIP9020 Datasheet HTML 2Page - Intersil Corporation HIP9020 Datasheet HTML 3Page - Intersil Corporation HIP9020 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10-54
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Description
The HIP9020 is a Vehicle Speed Sensor (VSS) Buffer IC. It
receives sinusoidal vehicle speed information from a
speedometer signal source. The signal is amplified and
squared before frequency processing is done. The circuit
provides pin programmable integer prescaler and postscaler
dividers to scale the output frequencies. The prescaler
divider output of the frequency doubler is mode selected for
1 and 6 through 11. The postscaler mode is selected to the
Output 3 with a divide by 1 or 2. The four VOX outputs are
open collector drivers.
Speed Sensor Input (SSI) - When current limited with a
40k
Ω source impedance from the vehicle speed sensor, the
SSI input is capable of functioning over a wide range of input
signal. The limiter and squaring action is derived from the
zero crossing of the input signal. The signal is converted into
a square wave with a controlled hysteresis squaring
amplifier.
Power Supply - The power supply pin 2 input is intended to
operate from a 5.0V
± 0.3V source. The internal reference
sources are derived from a temperature stable bandgap;
including an optional 5.7V shunt regulator which may be
used as shown in Figure 2.
Output Drivers - Each output driver is an open NPN collector
with a zener clamp level of typically 35V and short circuit
current limiting. Each output is capable of sinking 15mA of
current.
File Number
2790.2
October 1993
HIP9020
Programmable Quad Buffer with
Pre and Post Scaler Dividers
Features
• Sine Wave Speedometer Input
• Input Limiting
. . . . . . . . . . . ±0.25V to ±100V (with 40kΩ)
• Over Voltage Protection
• Current Limiting
• Programmable Prescaler 1, 6 - 11
• Post Scaler Frequency Divide by 1 or 2
• Drivers with 15mA/24V Capability
• Outputs 4 Separate Square Waves
• Internal Regulator and Bias Source
• 0kHz to 6kHz Input Signal Range
• -40oC to +125oC Operating Temperature Range
Applications
• Prescaler
• Buffer/Limiter
• Signal Interface
• Automotive Speedometer
• Automotive Speed Control
• Automotive Tachometer
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HIP9020AP
-40oC to +125oC
14 Lead Plastic DIP
HIP9020AB
-40oC to +125oC
20 Lead Plastic SOIC (W)
Pinouts
HIP9020 (PDIP)
TOP VIEW
HIP9020 (SOIC)
TOP VIEW
GND
VCC
POSS
SSI
BUF
VO1
VO2
VO3
VO4
PRSS–A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PRSS–B
PRSS–C
PRSO
POSI
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
GND
VCC
NC
SSI
BUF
NC
NC
VO1
NC
VO2
VO3
NC
VO4
NC
PRSS–A
PRSS–B
PRSS–C
POSS
PRSO
POSI


Similar Part No. - HIP9020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9021 INTERSIL-HIP9021 Datasheet
59Kb / 7P
Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
1996 08
HIP9021IB INTERSIL-HIP9021IB Datasheet
59Kb / 7P
Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
1996 08
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
Dual High Speed Laser Driver
1998 10
HIP9022AM INTERSIL-HIP9022AM Datasheet
98Kb / 10P
Dual High Speed Laser Driver
1998 10
More results

Similar Description - HIP9020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Analog Devices
AD9508 AD-AD9508 Datasheet
838Kb / 40P
1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
REV. A
logo
Intersil Corporation
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Texas Instruments
SN74LS292 TI1-SN74LS292_16 Datasheet
341Kb / 19P
Programmable Frequency Dividers
DS25BR440 TI1-DS25BR440_15 Datasheet
1Mb / 21P
3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Integrated Device Techn...
8P79818 IDT-8P79818 Datasheet
869Kb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
logo
Renesas Technology Corp
8P79818 RENESAS-8P79818 Datasheet
1Mb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
March 6, 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com