Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9021 Datasheet (PDF) - Intersil Corporation

HIP9021 Datasheet PDF - Intersil Corporation
Part # HIP9021
Download  HIP9021 Download
File Size   59.28 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems

HIP9021 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP9021 Datasheet PDF - Intersil Corporation

Part # HIP9021
Download  HIP9021 Click to download

File Size   59.28 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems

HIP9021 Datasheet (HTML) - Intersil Corporation


HIP9021 Product details

Description
The HIP9021IB is a dedicated Power MOSFET driver which drives a DC motor. As a system, motor speed is controlled while controlling torque. The primary application is drive control for portable drills while providing overload protection.

Features
• MOSFET Driver and DC Motor Controller
• Torque Control and Overload Protection
• Battery Power Supply . . . . . . . . . . . . . . . . +5V to +15V
• BiMOS IC with Low Operating Current
    - Maximum Supply Current . . . . . . . . . . . . . . . . .1.5mA
    - Maximum Input Leakage Currents . . . . . . . . . . 1.5µA
• 500µA Maximum Supply Current
• 1µA Maximum Input Leakage Currents
• Typical Oscillator Frequency . . . . . . . . . . . . . . . . . 5kHz
• Power-On-Reset Control
• 10mA Drive Capability for Gate Output
• Operating Temperature . . . . . . . -40°C to +85°C Range

Applications
• Portable Battery Operated Electric Drills
• Controller for Small DC Electric Motors
• Torque/Drive Controller for Inductive Loads
• Intelligent MOSFET Drive




Similar Part No. - HIP9021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9020 INTERSIL-HIP9020 Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9020AB INTERSIL-HIP9020AB Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9020AP INTERSIL-HIP9020AP Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
Dual High Speed Laser Driver
1998 10
HIP9022AM INTERSIL-HIP9022AM Datasheet
98Kb / 10P
Dual High Speed Laser Driver
1998 10
More results


Similar Description - HIP9021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
PowerPath Controller for Dual Battery Systems
logo
Allegro MicroSystems
ACS750XCA-050 ALLEGRO-ACS750XCA-050 Datasheet
499Kb / 12P
Industrial systems, Motor control, Power conversion, Battery monitors, Automotive systems
ACS750XCA-100 ALLEGRO-ACS750XCA-100 Datasheet
508Kb / 12P
Industrial systems, Motor control, Power conversion, Battery monitors Automotive systems
logo
Interpion semiconductor
IP9001 INTERPION-IP9001 Datasheet
665Kb / 32P
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
logo
Advanced Analogic Techn...
AAT2557 ANALOGICTECH-AAT2557 Datasheet
556Kb / 22P
500mA Battery Charger and 300mA LDO Regulator for Portable Systems
logo
Linear Technology
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
PowerPath Controller for Dual Battery Systems
logo
Texas Instruments
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
Digital Controller for Portable Advanced Light Control
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
logo
STMicroelectronics
STEVAL-ISA169V1 STMICROELECTRONICS-STEVAL-ISA169V1 Datasheet
218Kb / 4P
Dual gate drive for N-channel MOSFETs
April 2015 Rev 1
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com