Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9021 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP9021
Description  Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9021 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP9021 Datasheet HTML 1Page - Intersil Corporation HIP9021 Datasheet HTML 2Page - Intersil Corporation HIP9021 Datasheet HTML 3Page - Intersil Corporation HIP9021 Datasheet HTML 4Page - Intersil Corporation HIP9021 Datasheet HTML 5Page - Intersil Corporation HIP9021 Datasheet HTML 6Page - Intersil Corporation HIP9021 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PRELIMINARY
August 1996
HIP9021
Portable Battery Drive/Torque Controller for
N-Channel MOSFETs in Motor Control Systems
Features
• MOSFET Driver and DC Motor Controller
• Torque Control and Overload Protection
• Battery Power Supply . . . . . . . . . . . . . . . . +5V to +15V
• BiMOS IC with Low Operating Current
- Maximum Supply Current . . . . . . . . . . . . . . . . .1.5mA
- Maximum Input Leakage Currents . . . . . . . . . . 1.5
µA
• 500
µA Maximum Supply Current
•1
µA Maximum Input Leakage Currents
• Typical Oscillator Frequency . . . . . . . . . . . . . . . . . 5kHz
• Power-On-Reset Control
• 10mA Drive Capability for Gate Output
• Operating Temperature . . . . . . . -40oC to +85oC Range
Applications
• Portable Battery Operated Electric Drills
• Controller for Small DC Electric Motors
• Torque/Drive Controller for Inductive Loads
• Intelligent MOSFET Drive
Description
The HIP9021IB is a dedicated Power MOSFET driver which
drives a DC motor. As a system, motor speed is controlled
while controlling torque. The primary application is drive con-
trol for portable drills while providing overload protection.
The main function of the HIP9021IB is to produce a pulse
width modulated square wave signal which drives the gate of
an N-Channel Power MOSFET. The duty-cycle is deter-
mined by the setting of an external potentiometer at the
TRIGGER (speed control) input. As the TRIGGER voltage
level is decreased the duty-cycle of the square wave and the
speed of the motor is increased.
The torque of the motor is limited by the voltage level sensed
at the drain of the external Power MOSFET. When the cur-
rent reaches an adjustable limit set at the TORQUE input,
the drive of the Power MOSFET is disabled.
The system control components include 2 adjustable poten-
tiometer controls and 2 capacitors for the operating fre-
quency and torque delay control. A fixed or battery supply
voltage in the range of 5V to 15V may be used.
The HIP9021IB is provided in a small outline plastic package
for a compact surface mount to a ceramic substrate. The
surface mount assembly can be fit directly into the trigger of
a portable electric drill.
Pinout
HIP9021IB
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP9021IB
-40 to +85
8 Ld SOIC
M8.15
DRAIN
TRIGGER
GND
OSC
1
2
3
4
8
7
6
5
VDD
GATE
DELAY
TORQUE
File Number
4055
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP9021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9020 INTERSIL-HIP9020 Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9020AB INTERSIL-HIP9020AB Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9020AP INTERSIL-HIP9020AP Datasheet
23Kb / 4P
Programmable Quad Buffer with Pre and Post Scaler Dividers
1993 10
HIP9022 INTERSIL-HIP9022 Datasheet
98Kb / 10P
Dual High Speed Laser Driver
1998 10
HIP9022AM INTERSIL-HIP9022AM Datasheet
98Kb / 10P
Dual High Speed Laser Driver
1998 10
More results

Similar Description - HIP9021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
PowerPath Controller for Dual Battery Systems
logo
Allegro MicroSystems
ACS750XCA-050 ALLEGRO-ACS750XCA-050 Datasheet
499Kb / 12P
Industrial systems, Motor control, Power conversion, Battery monitors, Automotive systems
ACS750XCA-100 ALLEGRO-ACS750XCA-100 Datasheet
508Kb / 12P
Industrial systems, Motor control, Power conversion, Battery monitors Automotive systems
logo
Interpion semiconductor
IP9001 INTERPION-IP9001 Datasheet
665Kb / 32P
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
logo
Advanced Analogic Techn...
AAT2557 ANALOGICTECH-AAT2557 Datasheet
556Kb / 22P
500mA Battery Charger and 300mA LDO Regulator for Portable Systems
logo
Linear Technology
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
PowerPath Controller for Dual Battery Systems
logo
Texas Instruments
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
Digital Controller for Portable Advanced Light Control
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
logo
STMicroelectronics
STEVAL-ISA169V1 STMICROELECTRONICS-STEVAL-ISA169V1 Datasheet
218Kb / 4P
Dual gate drive for N-channel MOSFETs
April 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com